Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI7701YTA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SCI7701YTA
Description  CMOS VOLTAGE DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCI7701YTA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SCI7701YTA Datasheet HTML 1Page - List of Unclassifed Manufacturers SCI7701YTA Datasheet HTML 2Page - List of Unclassifed Manufacturers SCI7701YTA Datasheet HTML 3Page - List of Unclassifed Manufacturers SCI7701YTA Datasheet HTML 4Page - List of Unclassifed Manufacturers SCI7701YTA Datasheet HTML 5Page - List of Unclassifed Manufacturers SCI7701YTA Datasheet HTML 6Page - List of Unclassifed Manufacturers SCI7701YTA Datasheet HTML 7Page - List of Unclassifed Manufacturers SCI7701YTA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S-MOS Systems, Inc. • 150 River Oaks Parkway • San Jose, CA 95134 • Tel: (408) 922-0200 • Fax: (408) 922-0238
5
389-1.0
November 1996
SCI7700/01Y Series
Parameter
Symbol
Conditions
Min
Typ Max Unit
VDD=0.95V, VDS=0.5V, Ta=25
°C
0.03
0.15 0.50
VDD=1.00V, VDS=0.5V, Ta=25
°C
0.05
0.22 0.60
IO (Nch)
VDD=1.20V, VDS=0.5V, Ta=25
°C
0.30
0.70 1.50
Output current
VDD=2.40V, VDS=0.5V, Ta=25
°C
1.40
2.00 2.30*1 mA
VDD=3.60V, VDS=0.5V, Ta=25
°C
1.50
2.30 2.60*2
IO (Pch)
VDD=4.50V, VDS=2.1V, Ta=25
°C
1.7
2.0
2.3
VDD=8.00V, VDS=2.1V, Ta=25
°C
2.8
3.1
3.8
Reference voltage supply
VR
Ta=25
°C
0.90
1.00 1.10
V
s ELECTRICAL CHARACTERISTICS (Cont.)
SCI7700YNA/SCI7700YTA/SCI7701YCA/SCI7701YPA/SCI7701YSA/SCI7701YEA/SCI7701YFA/
SCI7701YRA/SCI7701YGA/SCI7701YHA/SCI7701YTA/SCI7701YMA/SCI7701YJA/SCI7701YKA/
SCI7701YLA
SCI7700YAS/SCI7700YFA/SCI7701YCB/SCI7700YFB
*
1: 3.30 mA about SCI7700YTA,
*
2: 4.00 mA about SCI7700TA
VDS: Voltage between drain and source
*
Please inquire IC sales department about SCI7700YCA.
* 1: Applicable to SCI7700YAS
* 2: Applicable to SCI7700YFA
* 3: Applicable to SCI7701YCB
* 4: Applicable to SCI7701YFB
Parameter
Symbol
Conditions
Min
Typ Max Unit
VDD=0.8V, VOUT=0.1V, Ta=25
°C*1
0.01
VDD=2.4V, VOUT=0.5V, Ta=25
°C*2
1.7
2.5
3.3
IO (Nch)
VDD=2.4V, VOUT=0.5V, Ta=25
°C*3
1.4
1.8
2.3
mA
VDD=3.0V, VOUT=0.5V, Ta=25
°C*4
1.5
2.0
2.5
Output current
IO (Pch)
VDD=2.0V, VOUT=1.5V, Ta=25
°C*3
0.1
0.3
0.9
VDD=2.0V, VOUT=1.5V, Ta=25
°C*4
0.1
2.0
2.5
Reference voltage supply
VR
Ta=25
°C*1
0.7
0.8
0.9
V
Ta=25
°C*2,*3,*4
0.9
1.0
1.1


Similar Part No. - SCI7701YTA

ManufacturerPart #DatasheetDescription
logo
Epson Company
SCI7654 EPSON-SCI7654 Datasheet
63Kb / 10P
   DC/DC Converter
SCI7654C0A EPSON-SCI7654C0A Datasheet
63Kb / 10P
   DC/DC Converter
SCI7654M0A EPSON-SCI7654M0A Datasheet
63Kb / 10P
   DC/DC Converter
SCI7660 EPSON-SCI7660 Datasheet
52Kb / 6P
   DC-DC Converter
SCI7661 EPSON-SCI7661 Datasheet
113Kb / 9P
   DC-DC Converter
More results

Similar Description - SCI7701YTA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com