Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXT555 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FXT555
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FXT555 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FXT555 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 1 – MARCH 94
FEATURES
* 150 Volt VCEO
* 1 Amp continuous current
*Ptot= 1 Watt
REFER TO ZTX555 FOR GRAPHS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-160
V
IC=-100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-150
V
IC=-10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-100µA, IC=0
Collector Cut-Off
Current
ICBO
-0.1
µ
A
VCB=-140V
Emitter Cut-Off Current IEBO
-0.1
µ
A
VEB=-4V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.3
V
IC=-100mA, IB=-10mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1
V
IC=-100mA, IB=-10mA*
Base-Emitter
Turn-on Voltage
VBE(on)
-1
V
IC=-100mA, VCE=-10V*
Static Forward Current
Transfer Ratio
hFE
50
50
300
IC=-10mA, VCE=-10V*
IC=-300mA, VCE=-10V*
Transition
Frequency
fT
100
MHz
IC=-50mA, VCE=-10V*
f=100MHz
Output Capacitance
Cobo
10
pF
VCE=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
E-Line
TO92 Compatible
FXT555
3-40
B
C
E


Similar Part No. - FXT555

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FXT550 ZETEX-FXT550 Datasheet
34Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT553 ZETEX-FXT553 Datasheet
26Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT557 ZETEX-FXT557 Datasheet
29Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Similar Description - FXT555

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6732 NJSEMI-2N6732 Datasheet
44Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FXT755 ZETEX-FXT755 Datasheet
29Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT753 KEXIN-FZT753 Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com