Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1211 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1211
Description  High Speed, Combi-SenseTM Synchronous MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1211 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1211 Datasheet HTML 1Page - Semtech Corporation SC1211 Datasheet HTML 2Page - Semtech Corporation SC1211 Datasheet HTML 3Page - Semtech Corporation SC1211 Datasheet HTML 4Page - Semtech Corporation SC1211 Datasheet HTML 5Page - Semtech Corporation SC1211 Datasheet HTML 6Page - Semtech Corporation SC1211 Datasheet HTML 7Page - Semtech Corporation SC1211 Datasheet HTML 8Page - Semtech Corporation SC1211 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
© 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1211
Electrical Characteristics
Absolute Maximum Ratings
Unless specified: T
A
= 25°C; V
IN
= 12V; V
REG
= 8.5V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
Supply Voltage
V
I N
9
12
15
V
Quiescent Current, Operating
Iq_op
3.0
mA
Under Voltage Lockout
Start Threshold of V
REG Voltage
V
REG_START
4
4.3
V
Hysteresis
Vhys
UVLO
160
mV
Internal LDO
LDO Output
V
REG
V
I N = 9V to 16V
8.5
V
Drop Out Voltage
V
DROP
V
I N = 5V to 8.8V
0.3
V
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Parameter
Symbol
Conditions
Maximum
Units
V
I N Supply Voltage
V
I N
16
V
BST to DRN
V
BST-DRN
11
V
BST to PGND
V
BST-PGND
40
V
BST to PGND Pulse
V
BST-PULSE
t
PULSE < 100ns
45
V
DRN to PGND
V
DRN-PGND
-2 to 30
V
DRN to PGND Pulse
V
DRN-PULSE
t
PULSE < 200ns
-5 to 35
V
VPN to PGND
V
PN
16
V
VPN to PGND Pulse
V
PN-PULSE
t
PULSE < 100ns
20
V
PWM Input
CO
-0.3 to 8.5
V
Continuous Power Dissipation
P
D
T
A
= 25°C, T
J
=125°C
2.56
W
Thermal Resistance Junction to Case
θ
JC
8
°C/W
Operating Junction Temperature Range
T
J
0 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 Sec.
T
LEAD
300
°C


Similar Part No. - SC1211

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1211 SEMTECH-SC1211 Datasheet
513Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1211STR SEMTECH-SC1211STR Datasheet
513Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1211VX SEMTECH-SC1211VX Datasheet
295Kb / 11P
   High Speed, Combi-Sense짰, Synchronous MOSFET Driver for Mobile Applications
SC1211VXSTR SEMTECH-SC1211VXSTR Datasheet
295Kb / 11P
   High Speed, Combi-Sense짰, Synchronous MOSFET Driver for Mobile Applications
SC1211VXSTRT SEMTECH-SC1211VXSTRT Datasheet
295Kb / 11P
   High Speed, Combi-Sense짰, Synchronous MOSFET Driver for Mobile Applications
More results

Similar Description - SC1211

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1211 SEMTECH-SC1211_03 Datasheet
513Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1214 SEMTECH-SC1214 Datasheet
169Kb / 8P
   High Speed, Combi-SenseTM Two-Phase, Synchronous MOSFET Driver
SC420 SEMTECH-SC420 Datasheet
271Kb / 12P
   High Speed, Combi-SenseTM, Synchronous Power MOSFET Driver for Mobile Applications
SC420A SEMTECH-SC420A Datasheet
749Kb / 16P
   High Speed, Combi-SenseTM, Synchronous Power MOSFET Driver for Mobile Applications
SC1211VX SEMTECH-SC1211VX Datasheet
295Kb / 11P
   High Speed, Combi-Sense짰, Synchronous MOSFET Driver for Mobile Applications
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com