Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG301ABK Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # DG301ABK
Description  CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG301ABK Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button DG301ABK Datasheet HTML 2Page - TEMIC Semiconductors DG301ABK Datasheet HTML 3Page - TEMIC Semiconductors DG301ABK Datasheet HTML 4Page - TEMIC Semiconductors DG301ABK Datasheet HTML 5Page - TEMIC Semiconductors DG301ABK Datasheet HTML 6Page - TEMIC Semiconductors DG301ABK Datasheet HTML 7Page - TEMIC Semiconductors DG301ABK Datasheet HTML 8Page - TEMIC Semiconductors DG301ABK Datasheet HTML 9Page - TEMIC Semiconductors DG301ABK Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DG300A/301A/302A/303A
10
Siliconix
S-52880—Rev. C, 28-Apr-97
Applications (Cont’d)
Diff. IN B
+15 V
+15 V
Diff. IN A
DG301A
DG302A
GND
+15 V
–15 V
–15 V
+15 V
–15 V
CMOS Logic
Input Select
High = Diff. IN B
CMOS Logic
Gain Select
High = AV = 101
R1
16 k
W
R
i1
1.5 k
W
R2
75 k
W
75 k
W
R2
75 k
W
R4
R6
75 k
W
VOUT
75 k
W
R5
67 k
W
R7
50 k
W
VOSNULL
Voltage gain of the instrumentation amplifier is:
AV = 1 +
(In the circuit shown, AV1 = 10.4, AV2 = 101)
2R2
R1
Figure 6.
Low Power Instrumentation Amplifier with Digitally Selectable Inputs and Gain
+


Similar Part No. - DG301ABK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG301ABK MAXIM-DG301ABK Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
More results

Similar Description - DG301ABK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com