Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC13109
Description  Universal Cordless Telephone Subsystem IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC13109 Datasheet HTML 7Page - Motorola, Inc MC13109 Datasheet HTML 8Page - Motorola, Inc MC13109 Datasheet HTML 9Page - Motorola, Inc MC13109 Datasheet HTML 10Page - Motorola, Inc MC13109 Datasheet HTML 11Page - Motorola, Inc MC13109 Datasheet HTML 12Page - Motorola, Inc MC13109 Datasheet HTML 13Page - Motorola, Inc MC13109 Datasheet HTML 14Page - Motorola, Inc MC13109 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MC13109
11
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued)
Low Battery Detect
An external resistor divider is connected to the “Ref” input
pin to set the threshold for the low battery detect. The voltage
at the “Ref” input pin is compared to an internal 1.23 V
Bandgap reference voltage. The “BD Out” pin is open
collector and requires and external pull–up resistor to VCC.
(Test Conditions: VCC = 2.6 V, TA = 25°C.)
Characteristic
Condition
Input
Pin
Measure
Pin
Symbol
Min
Typ
Max
Unit
Average Threshold
Voltage
Take average of rising
and falling threshold
Ref
Ref/
BD Out
Threshold
1.23
V
Hysteresis
Ref
Ref/
BD Out
Hys
4.0
mV
Input Current
Vin = 1.6 V
Ref
Iin
–50
5.71
+50
nA
Output High Voltage
Vref = 1.6, RL = 3.9 kΩ
Ref
BD Out
VOH
VCC – 0.1
2.6
V
Output Low Voltage
Vref = 0.9, RL = 3.9 kΩ
Ref
BD Out
VOL
0.12
0.4
V
Figure 3. Data Amp Operation
Data
Signal
Data Amp
Data Amp
Output
Hysteresis
0
Figure 4. Typical Expander Response
Rx AUDIO IN (dBV)
–30
–40
–50
–60
– 40
– 30
– 20
–10
0
–20
–10
E Out = –5.0 dBV
Typical at THD = 5 %
10
10


Similar Part No. - MC13109

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13109AFB MOTOROLA-MC13109AFB Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13109AFTA MOTOROLA-MC13109AFTA Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results

Similar Description - MC13109

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com