Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5016-TE16 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5016-TE16
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016-TE16 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5016-TE16 Datasheet HTML 2Page - Cirrus Logic CS5016-TE16 Datasheet HTML 3Page - Cirrus Logic CS5016-TE16 Datasheet HTML 4Page - Cirrus Logic CS5016-TE16 Datasheet HTML 5Page - Cirrus Logic CS5016-TE16 Datasheet HTML 6Page - Cirrus Logic CS5016-TE16 Datasheet HTML 7Page - Cirrus Logic CS5016-TE16 Datasheet HTML 8Page - Cirrus Logic CS5016-TE16 Datasheet HTML 9Page - Cirrus Logic CS5016-TE16 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
CS5016
CS5016 ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V;
VA-, VD- = -5V; VREF = 4.5V; CLKIN = 4 MHz for -16, 2 MHz for -32; Analog Source Impedance = 200
Ω;
Synchronous Sampling.)
CS5016-J, K
CS5016-A, B
CS5016-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
0 to +70
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
J, A, S
(Note 1)
K, B, T
Drift
(Note 2)
0.002
0.001
±1/4
0.003
0.0015
0.002
0.001
±1/4
0.003
0.0015
0.002
0.001
±1/4
0.0076
0.0015
%FS
%FS
∆LSB16
Differential Linearity
(Note 10)
16
16
16
Bits
Full Scale Error
J, A, S
(Note 1)
K, B, T
Drift
(Note 2)
±2
±2
±1
±3
±3
±2
±2
±1
±3
±3
±2
±2
±2
±4
±3
LSB16
LSB16
∆LSB16
Unipolar Offset
J, A, S
(Note 1)
K, B, T
Drift
(Note 2)
±1
±1
±1
±2
±3/2
±1
±1
±1
±3
±3
±1
±1
±2
±4
±3
LSB16
LSB16
∆LSB16
Bipolar Offset
J, A, S
(Note 1)
K, B, T
Drift
(Note 2)
±1
±1
±1
±2
±3/2
±1
±1
±2
±2
±2
±1
±1
±2
±4
±2
LSB16
LSB16
∆LSB16
Bipolar Negative Full-Scale Error(Note 1)
J, A, S
K, B, T
Drift
(Note 2)
±2
±2
±1
±3
±3
±2
±2
±2
±3
±3
±2
±2
±2
±5
±3
LSB16
LSB16
∆LSB16
Dynamic Performance (Bipolar Mode)
Peak Harmonic or
(Note 1)
Spurious Noise
Full Scale, 1 kHz Input
J, A, S
K, B, T
Full Scale, 12 kHz Input
J, A, S
K, B, T
96
100
85
85
100
104
88
91
96
100
85
85
100
104
88
91
92
100
82
85
100
104
88
91
dB
dB
dB
dB
Total Harmonic Distortion
J, A, S
Full Scale, 1 kHz Input
K, B, T
0.002
0.001
0.002
0.001
0.002
0.001
%
%
Signal-to-Noise Ratio
(Notes 1 and 9)
1 kHz, 0 dB Input
J, A, S
K, B, T
1 kHz, -60 dB Input
J, A, S
K, B, T
87
90
90
92
30
32
87
90
90
92
30
32
84
90
90
92
30
32
dB
dB
dB
dB
Noise
(Note 3)
Unipolar Mode
Bipolar Mode
35
70
35
70
35
70
µVrms
µVrms
Notes: 10. Minimum resolution for which no missing codes is guaranteed
* Refer to
Parameter Definitions (immediately following the pin descriptions at the end of this data sheet).
Specifications are subject to change without notice.
2-12
DS14F6


Similar Part No. - CS5016-TE16

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5016-BL16 CIRRUS-CS5016-BL16 Datasheet
1Mb / 40P
   16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
CS5016-BL16Z CIRRUS-CS5016-BL16Z Datasheet
1Mb / 40P
   16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
More results

Similar Description - CS5016-TE16

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5012A CIRRUS-CS5012A Datasheet
1Mb / 40P
   16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
   Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC16061 NSC-ADC16061 Datasheet
472Kb / 20P
   Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com