Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V416CWG-55HI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M5M5V416CWG-55HI
Description  4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5V416CWG-55HI Datasheet(HTML) 1 Page - Renesas Technology Corp

  M5M5V416CWG-55HI Datasheet HTML 1Page - Renesas Technology Corp M5M5V416CWG-55HI Datasheet HTML 2Page - Renesas Technology Corp M5M5V416CWG-55HI Datasheet HTML 3Page - Renesas Technology Corp M5M5V416CWG-55HI Datasheet HTML 4Page - Renesas Technology Corp M5M5V416CWG-55HI Datasheet HTML 5Page - Renesas Technology Corp M5M5V416CWG-55HI Datasheet HTML 6Page - Renesas Technology Corp M5M5V416CWG-55HI Datasheet HTML 7Page - Renesas Technology Corp M5M5V416CWG-55HI Datasheet HTML 8Page - Renesas Technology Corp M5M5V416CWG-55HI Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M5M5V416CWG -55HI, -70HI
2003.08.21
Ver. 7.0
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
RENESAS LSIs
* Typical parameter indicates the value for the center
of distribution, and not 100% tested.
1
DESCRIPTION
The M5M5V416CWG is a f amily of low v oltage 4-Mbit static RAMs
organized as 262144-words by 16-bit, f abricated by Renesas's
high-perf ormance 0.18µm CMOS technology.
The M5M5V416C is suitable f or memory applications where a
simple interf acing , battery operating and battery backup are the
important design objectiv es.
M5M5V416CWG is packaged in a CSP (chip scale package),
with the outline of 7.0mm x 8.5mm, ball matrix of 6 x 8 (48ball)
and ball pitch of 0.75mm. It giv es the best solution f or
a compaction of m ounting area as well as f lexibility of wiring
pattern of printed circuit boards.
FEATURES
- Single 2.7~3.6V power supply
- Small stand-by current: 0.2µA (3.00V, ty p.)
- No clocks, No ref resh
- Data retention supply v oltage =2.0V
- All inputs and outputs are TTL compatible.
- Easy memory expansion by S1#, S2, BC1# and BC2#
- Common Data I/O
- Three-state outputs: OR-tie capability
- OE# prev ents data contention in the I/O bus
- Process technology: 0.18µm CMOS
- Package: 48ball 7.0mm x 8.5mm CSP
PIN CONFIGURATION
A0 ~ A17
DQ1 ~ DQ16
S1#
W#
OE#
BC1#
Address input
Data input / output
Chip select input 1
Write control input
Output enable input
Lower By te (DQ1 ~ 8)
Pin
Function
Vcc
GND
Power supply
Ground supply
BC2#
Upper By te (DQ9 ~ 16)
S2
Chip select input 2
(TOP VIEW)
Outline:
48FJA
NC: No Connection
1
2
3
4
5
6
A
B
C
D
E
F
G
DQ3
A7
DQ1
S2
VCC
GND
DQ6
A2
S1#
DQ2
DQ4
DQ5
DQ7
A1
A4
A6
A5
A17
A16
A15
A0
A3
NC or
GND
A14
OE#
BC2#
DQ15
DQ13
DQ12
DQ10
BC1#
DQ16
DQ14
GND
VCC
DQ11
DQ8
W#
A13
A12
N.C.
DQ9
N.C.
A11
A10
A9
A8
H
30mA
(10MHz)
5mA
(1MHz)
Version,
Operating
temperature
Part name
Power
Supply
Access time
max.
Stand-by c urrent
(
µA)
Ratings (max. @3.6V)
Active
current
(3.0V, ty p.)
Icc1
85°C
25°C
I-version
-40 ~ +85°C
M5M5V416CWG -55HI
2.7 ~ 3.6V
70ns
* Typical(3.0V)
40°C
25°C 40°C
20
2.5
1.5
0.4
0.2
N C
70°C
3.0V
3.3V
3.6V
Voltage
10
20
4.0
2.5
10
20
2.0
1.0
10
55ns
M5M5V416CWG -70HI
*Don't connect E3 ball to voltage level more than 0V.


Similar Part No. - M5M5V416CWG-55HI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI Datasheet
153Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI_02 Datasheet
153Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V416CWG-55HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI_02 Datasheet
153Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y416CWG-85HI MITSUBISHI-M5M5Y416CWG-85HI Datasheet
82Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG RENESAS-M5M5V416CWG_15 Datasheet
176Kb / 12P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V416BWG MITSUBISHI-M5M5V416BWG Datasheet
107Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-70HI MITSUBISHI-M5M5V416CWG-70HI Datasheet
173Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5Y416CWG-70HI MITSUBISHI-M5M5Y416CWG-70HI Datasheet
87Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com