Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXE065K Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RXE065K
Description  PolySwitch RXE device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXE065K Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RXE065K Datasheet HTML 1Page - List of Unclassifed Manufacturers RXE065K Datasheet HTML 2Page - List of Unclassifed Manufacturers RXE065K Datasheet HTML 3Page - List of Unclassifed Manufacturers RXE065K Datasheet HTML 4Page - List of Unclassifed Manufacturers RXE065K Datasheet HTML 5Page - List of Unclassifed Manufacturers RXE065K Datasheet HTML 6Page - List of Unclassifed Manufacturers RXE065K Datasheet HTML 7Page - List of Unclassifed Manufacturers RXE065K Datasheet HTML 8Page - List of Unclassifed Manufacturers RXE065K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Raychem Circuit Protection Devices
RXE Devices
169
4. Determine time-to-trip.
Time-to-trip is the amount of time it takes for a device to switch to a
high-resistance state once a fault current has been applied across the
device.
Identifying the RXE device’s time-to-trip is important in order to provide
the desired protection capabilities. If the device you choose trips
too fast, undesired or nuisance tripping will occur. If the device trips too
slowly, the components being protected may be damaged before the
device switches to a high-resistance state.
The chart below shows the typical time-to-trip at 20°C for each
PolySwitch RXE device. For example, the chart indicates that the
typical time-to-trip for RXE050 at 5 A is 0.3 second.
On the chart below, find the typical time-to-trip for the RXE device you
selected. If the RXE device’s time-to-trip is too fast or too slow for the
circuit, go back to Step 2 and choose an alternate device.
Typical time-to-trip at 20°C
1000
100
10
1
0.1
0.01
0.001
0.1
1
10
100
Fault current (A)
AB CDE F G H I J K L M N OPQ
A = RXE010
B = RXE017
C = RXE020
D = RXE025
E = RXE030
F = RXE040
G = RXE050
H = RXE065
I = RXE075
J = RXE090
K = RXE110
L = RXE135
M = RXE160
N = RXE185
O = RXE250
P = RXE300
Q = RXE375
RXE
Radial Leaded
4
RXE(7)
1/15/99 11:44 AM
Page 169


Similar Part No. - RXE065K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXE005 MACOM-RXE005 Datasheet
89Kb / 1P
   Poly Switch PTC DEVICES
RXE010S MACOM-RXE010S Datasheet
88Kb / 1P
   Poly Switch PTC DEVICES
RXE020 MACOM-RXE020 Datasheet
19Kb / 1P
   Poly Switch PTC DEVICES
RXE025 MACOM-RXE025 Datasheet
83Kb / 1P
   Poly Switch PTC DEVICES
RXE030 MACOM-RXE030 Datasheet
86Kb / 1P
   Specification Status: RELEASED
More results

Similar Description - RXE065K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
   PolySwitch PTC Devices Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com