Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2273APVC-1 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2273APVC-1
Description  Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2273APVC-1 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2273APVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 9Page - Cypress Semiconductor CY2273APVC-1 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CY2273A
6
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage ..................................................–0.5 to +7.0V
Input Voltage .............................................. –0.5V to VDD+0.5
Storage Temperature (Non-Condensing) ... –65
°C to +150°C
Max. Soldering Temperature (10 sec) ...................... +260
°C
Junction Temperature ............................................... +150
°C
Package Power Dissipation .............................................. 1W
Static Discharge Voltage ........................................... >2000V
(per MIL-STD-883, Method 3015, like VDD pins tied together)
Operating Conditions[6]
Parameter
Description
Min.
Max.
Unit
AVDD, VDDQ3
Analog and Digital Supply Voltage
3.135
3.465
V
VDDCPU
CPU Supply Voltage
2.375
3.135
2.9
3.465
V
VDDQ2
IOAPIC Supply Voltage
2.375
2.9
V
TA
Operating Temperature, Ambient
0
70
°C
CL
Max. Capacitive Load on
CPUCLK, USBCLK, IOAPIC
PCICLK, AGP(-2 only), SDRAM
REF0
10
30, 20
20
20
30
45
pF
f(REF)
Reference Frequency, Oscillator Nominal Value
14.318
14.318
MHz
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Inputs
2.0
V
VIL
Low-level Input Voltage
Except Crystal Inputs
0.8
V
VILiic
Low-level Input Voltage
I2C inputs only
0.7
V
VOH
High-level Output Voltage
VDDCPU = VDDQ2 = 2.375V
IOH = 16 mA CPUCLK
2.0
V
IOH = 18 mA IOAPIC
VOL
Low-level Output Voltage
VDDCPU = VDDQ2 = 2.375V
IOL = 27 mA CPUCLK
0.4
V
IOL = 29 mA IOAPIC
VOH
High-level Output Voltage
VDDQ3, AVDD, VDDCPU = 3.135V
IOH = 16 mA CPUCLK
2.4
V
IOH = 36 mA SDRAM
IOH = 32 mA PCICLK
IOH = 26 mA USBCLK
IOH = 36 mA REF0
VOL
Low-level Output Voltage
VDDQ3, AVDD, VDDCPU = 3.135V
IOL = 27 mA CPUCLK
0.4V
V
IOL = 29 mA SDRAM
IOL = 26 mA PCICLK
IOL = 21 mA USBCLK
IOL = 29 mA REF0
IIH
Input High Current
VIH = VDD
–10
+10
µA
IIL
Input Low Current
VIL = 0V
10
µA
IOZ
Output Leakage Current
Three-state
–10
+10
µA
IDD
Power Supply Current[7]
VDD = 3.465V, VIN = 0 or VDD, Loaded Outputs, CPU = 66.67 MHz
300
mA
IDD
Power Supply Current[7]
VDD = 3.465V, VIN = 0 or VDD, Unloaded Outputs
120
mA
IDDS
Power-down Current
Current draw in power-down state
500
µA
Notes:
6.
Electrical parameters are guaranteed with these operating conditions.
7.
Power supply current will vary with number of outputs which are running.


Similar Part No. - CY2273APVC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22701 CYPRESS-CY22701 Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
CY22701FSXC CYPRESS-CY22701FSXC Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
CY22701FSXCT CYPRESS-CY22701FSXCT Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
CY22701FSXI CYPRESS-CY22701FSXI Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
CY22701FSXIT CYPRESS-CY22701FSXIT Datasheet
139Kb / 15P
   1 PLL In-System Programmable Clock Generator
More results

Similar Description - CY2273APVC-1

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2277A SPECTRALINEAR-CY2277A Datasheet
293Kb / 18P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Cypress Semiconductor
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
CY2283 CYPRESS-CY2283 Datasheet
219Kb / 12P
   PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Cypress Semiconductor
CY2313ANZ CYPRESS-CY2313ANZ_07 Datasheet
209Kb / 8P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
CY2313ANZ CYPRESS-CY2313ANZ Datasheet
90Kb / 8P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2313ANZ ALSC-ASM2I2313ANZ Datasheet
513Kb / 13P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com