Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXE185-1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RXE185-1
Description  PolySwitch RXE device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXE185-1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RXE185-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RXE185-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXE185-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXE185-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXE185-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RXE185-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RXE185-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RXE185-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RXE185-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Raychem Circuit Protection Devices
RXE Devices
167
RXE
Radial Leaded
Device’s ambient temperature (
°C)
–40
–20
0
20
40
60
80
0
50
100
150
200
Thermal derating curve
I
Hold vs. temperature
Part
Maximum ambient operating temperatures (°C)
number
–40°
–20°
20°
40°
50°
60°
70°
85°
RXE010
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.04
RXE017
0.26
0.23
0.20
0.17
0.14
0.12
0.11
0.09
0.07
RXE020
0.31
0.27
0.24
0.20
0.16
0.14
0.13
0.11
0.08
RXE025
0.39
0.34
0.30
0.25
0.20
0.18
0.16
0.14
0.10
RXE030
0.47
0.41
0.36
0.30
0.24
0.22
0.19
0.16
0.12
RXE040
0.62
0.54
0.48
0.40
0.32
0.29
0.25
0.22
0.16
RXE050
0.78
0.68
0.60
0.50
0.41
0.36
0.32
0.27
0.20
RXE065
1.01
0.88
0.77
0.65
0.53
0.47
0.41
0.35
0.26
RXE075
1.16
1.02
0.89
0.75
0.61
0.54
0.47
0.41
0.30
RXE090
1.40
1.22
1.07
0.90
0.73
0.65
0.57
0.49
0.36
RXE110
1.71
1.50
1.31
1.10
0.89
0.79
0.69
0.59
0.44
RXE135
2.09
1.84
1.61
1.35
1.09
0.97
0.85
0.73
0.54
RXE160
2.48
2.18
1.90
1.60
1.30
1.15
1.01
0.86
0.64
RXE185
2.87
2.52
2.20
1.85
1.50
1.33
1.17
1.00
0.74
RXE250
3.88
3.40
2.98
2.50
2.03
1.80
1.58
1.35
1.00
RXE300
4.65
4.08
3.57
3.00
2.43
2.16
1.89
1.62
1.20
RXE375
5.81
5.10
4.46
3.75
3.04
2.70
2.36
2.03
1.50
4
RXE(7)
1/15/99 11:44 AM
Page 167


Similar Part No. - RXE185-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXE110 MACOM-RXE110 Datasheet
19Kb / 1P
   Poly Switch PTC DEVICES
RXE14005 MACOM-RXE14005 Datasheet
528Kb / 4P
   Power PCB Relay
RXE14005C MACOM-RXE14005C Datasheet
528Kb / 4P
   Power PCB Relay
RXE14012 MACOM-RXE14012 Datasheet
528Kb / 4P
   Power PCB Relay
RXE14012C MACOM-RXE14012C Datasheet
528Kb / 4P
   Power PCB Relay
More results

Similar Description - RXE185-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
   PolySwitch PTC Devices Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com