Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC16245MTD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ALVC16245MTD
Description  Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16245MTD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ALVC16245MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16245MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16245MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16245MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16245MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16245MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16245MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions (Note 6)
Note 4: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 4.6V
DC Input Voltage (VI)
0.5V to 4.6V
Output Voltage (VO) (Note 5)
0.5V to VCC 0.5V
DC Input Diode Current (IIK)
VI  0V
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
DC Output Source/Sink Current
(IOH/IOL)
r50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Supply
Operating
1.65V to 3.6V
Input Voltage
0V to VCC
Output Voltage (VO)0V to VCC
Free Air Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
1.65 - 1.95
0.65 x VCC
V
2.3 - 2.7
1.7
2.7 - 3.6
2.0
VIL
LOW Level Input Voltage
1.65 - 1.95
0.35 x VCC
V
2.3 - 2.7
0.7
2.7 - 3.6
0.8
VOH
HIGH Level Output Voltage
IOH 100 PA
1.65 - 3.6
VCC - 0.2
V
IOH 4 mA
1.65
1.2
IOH 6 mA
2.3
2.0
IOH 12 mA
2.3
1.7
2.7
2.2
3.0
2.4
IOH 24 mA
3.0
2
VOL
LOW Level Output Voltage
IOL 100 PA
1.65 - 3.6
0.2
V
IOL 4 mA
1.65
0.45
IOL 6 mA
2.3
0.4
IOL 12 mA
2.3
0.7
2.7
0.4
IOL 24 mA
3.0
0.55
II
Input Leakage Current
0
d VI d 3.6V
3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
3.6
r10
PA
ICC
Quiescent Supply Current
VI VCC or GND, IO 0
3.6
40
PA
'ICC
Increase in ICC per Input
VIH VCC  0.6V
3 - 3.6
750
PA


Similar Part No. - 74ALVC16245MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16245MTD FAIRCHILD-74ALVC16245MTD Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245MTD FAIRCHILD-74ALVC16245MTD Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74ALVC16245MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245 FAIRCHILD-74VCX16245 Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162543FT TOSHIBA-TC74VCXR162543FT Datasheet
422Kb / 11P
   LOW VOLTAGE 16-BIT REGISTERED TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com