Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC16245G Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ALVC16245G
Description  Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16245G Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ALVC16245G Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16245G Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
TABLE 1. Values for Figure 1
TABLE 2. Variable Matrix
(Input Characteristics: f
1MHz; tr tf 2ns; ZO
50
:)
FIGURE 2. Waveform for Inverting and Non-inverting Functions
FIGURE 3. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VL
tPZH, tPHZ
GND
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5
r 0.2V
1.8V
r 0.15V
Vmi
1.5V
1.5V
VCC/2
VCC/2
Vmo
1.5V
1.5V
VCC/2
VCC/2
VX
VOL  0.3V
VOL  0.3V
VOL  0.15V
VOL  0.15V
VY
VOH  0.3V
VOH  0.3V
VOH  0.15V
VOH  0.15V
VL
6V
6V
VCC*2
VCC*2


Similar Part No. - 74ALVC16245G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16245G FAIRCHILD-74ALVC16245G Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245G FAIRCHILD-74ALVC16245G Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74ALVC16245G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245 FAIRCHILD-74VCX16245 Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162543FT TOSHIBA-TC74VCXR162543FT Datasheet
422Kb / 11P
   LOW VOLTAGE 16-BIT REGISTERED TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com