Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1S1834 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 1S1834
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

1S1834 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.25
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
25
0
50
75
.50
.75
1.00
1.25
125
100
150
175
1.5
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300
µS
1.8
2.0
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0261029
2.
0
1
10
10
20
30
50
60
70
40
100
4
2
60
20
68
TJ=125
8.3ms Single Half
Sine-Wave
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
NUMBER OF CYCLES AT 60 Hz
REVERSE VOLTAGE,VOLTS
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.3 -- FORWARD DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
FIG.5--PEAK FORWARD SURGE CURRENT
FIG.6--TYPICAL JUNCTION CAPACITANCE
RATINGSANDCHARACTERISTICCURVES
1S1834(Z)---1S1835(Z)
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 --TYPICAL FORWARD CHARACTERISTIC
SETTIMEBASEFOR50/100 ns /cm
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn