Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

F74ALVC16245 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. F74ALVC16245
Description  Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

F74ALVC16245 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  F74ALVC16245 Datasheet HTML 1Page - Fairchild Semiconductor F74ALVC16245 Datasheet HTML 2Page - Fairchild Semiconductor F74ALVC16245 Datasheet HTML 3Page - Fairchild Semiconductor F74ALVC16245 Datasheet HTML 4Page - Fairchild Semiconductor F74ALVC16245 Datasheet HTML 5Page - Fairchild Semiconductor F74ALVC16245 Datasheet HTML 6Page - Fairchild Semiconductor F74ALVC16245 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Capacitance
Symbol
Parameter
TA 40qC to 85qC, RL 500:
Units
CL 50 pF
CL 30 pF
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2V
VCC 1.8V r 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay
1.3
3
1.5
3.5
1.0
3.0
1.5
6.0
ns
tPZL, tPZH
Output Enable Time
1.3
4.3
1.5
5.4
1.0
4.9
1.5
9.3
ns
tPLZ, tPHZ
Output Disable Time
1.3
4.2
1.5
4.7
1.0
4.2
1.5
7.6
ns
Symbol
Parameter
Conditions
TA 25qC
Units
VCC
Typical
CIN
Input Capacitance
VI 0V or VCC
3.3
6
pF
CIO
Input, Output Capacitance
VO 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
10 MHz, CL 50 pF
3.3
20
pF
2.5
20


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn