Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C1020V Datasheet(PDF) 3 Page - Cypress Semiconductor

Part No. CY7C1020V
Description  32K x 16 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020V Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1020V Datasheet HTML 1Page - Cypress Semiconductor CY7C1020V Datasheet HTML 2Page - Cypress Semiconductor CY7C1020V Datasheet HTML 3Page - Cypress Semiconductor CY7C1020V Datasheet HTML 4Page - Cypress Semiconductor CY7C1020V Datasheet HTML 5Page - Cypress Semiconductor CY7C1020V Datasheet HTML 6Page - Cypress Semiconductor CY7C1020V Datasheet HTML 7Page - Cypress Semiconductor CY7C1020V Datasheet HTML 8Page - Cypress Semiconductor CY7C1020V Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C1020V
3
Electrical Characteristics Over the Operating Range (continued)
Parameter
Description
Test Conditions
7C1020V-15
7C1020V-20
Unit
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = – 4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC +
0.3V
2.0
VCC +
0.3V
V
VIL
Input LOW Voltage[1]
–0.5
0.8
–0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage Current
GND < VI < VCC, Output Disabled
–2
+2
–2
+2
µA
ICC
VCC Operating Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
110
100
mA
L80
70
mA
ISB1
Automatic CE
Power-Down Current
— TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
15
15
mA
L7
7
mA
ISB2
Automatic CE
Power-Down Current
— CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f=0
11
mA
L
100
100
µA
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
8
pF
COUT
Output Capacitance
8
pF
Notes:
3.
Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
1020V-3
1020V-4
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
3.3V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
<3ns
<3ns
OUTPUT
R 481
R 481
R2
255
R2
255
167
Equivalent to: THÉVENIN
EQUIVALENT
1.73V
30 pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT70V9379L HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 1  2  3  4  5  More Integrated Device Technology
XA-G37 XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1  2  3  4  5  More NXP Semiconductors
IS62LV12816BLL 128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
KM62U256D 32Kx8 bit Low Power and Low Voltage CMOS Static RAM 1  2  3  4  5  More Samsung semiconductor
IDT709199L HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 1  2  3  4  5  More Integrated Device Technology
TC55V1664BJ 65 536-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Toshiba Semiconductor
CDM6116AC High-Reliability CMOS 2048-Word by 8-bit LSI Static RAM 1  2  3  4  5  List of Unclassifed Manufacturers
IS61SF25616 256K x 16 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
HM6208H 65 536-word ´ 4-bit High Speed CMOS Static RAM 1  2  3  4  5  More Hitachi Semiconductor
IS61SP6464 64K x 64 SYNCHRONOUS PIPELINE STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn