Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1020V Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1020V
Description  32K x 16 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020V Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1020V Datasheet HTML 1Page - Cypress Semiconductor CY7C1020V Datasheet HTML 2Page - Cypress Semiconductor CY7C1020V Datasheet HTML 3Page - Cypress Semiconductor CY7C1020V Datasheet HTML 4Page - Cypress Semiconductor CY7C1020V Datasheet HTML 5Page - Cypress Semiconductor CY7C1020V Datasheet HTML 6Page - Cypress Semiconductor CY7C1020V Datasheet HTML 7Page - Cypress Semiconductor CY7C1020V Datasheet HTML 8Page - Cypress Semiconductor CY7C1020V Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY7C1020V
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[1] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State[1] .....................................–0.5V to VCC +0.5V
DC Input Voltage[1]..................................–0.5V to VCC +0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature[2]
VCC
Commercial
0
°C to +70°C
3.0V - 3.6V
Industrial
–40
°C to +85°C
3.0V - 3.6V
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C1020V-10
7C1020V-12
Unit
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = – 4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC +
0.3V
2.0
VCC +
0.3V
V
VIL
Input LOW Voltage[1]
–0.5
0.8
–0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage Current
GND < VI < VCC, Output Disabled
–2
+2
–2
+2
µA
ICC
VCC Operating Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
130
120
mA
L
100
90
mA
ISB1
Automatic CE
Power-Down Current
— TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
15
15
mA
L7
7
mA
ISB2
Automatic CE
Power-Down Current
— CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f=0
1
1
mA
L
100
100
µA
Notes:
1.
VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2.
TA is the “instant on” case temperature.


Similar Part No. - CY7C1020V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020-10VC CYPRESS-CY7C1020-10VC Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020-10VC CYPRESS-CY7C1020-10VC Datasheet
175Kb / 9P
   32K x 16 Static RAM
More results

Similar Description - CY7C1020V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
   32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33 Datasheet
147Kb / 8P
   32K x 16 Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com