Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP9402A Datasheet(PDF) 56 Page - Micronas

Part # VSP9402A
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9402A Datasheet(HTML) 56 Page - Micronas

Back Button VSP9402A Datasheet HTML 52Page - Micronas VSP9402A Datasheet HTML 53Page - Micronas VSP9402A Datasheet HTML 54Page - Micronas VSP9402A Datasheet HTML 55Page - Micronas VSP9402A Datasheet HTML 56Page - Micronas VSP9402A Datasheet HTML 57Page - Micronas VSP9402A Datasheet HTML 58Page - Micronas VSP9402A Datasheet HTML 59Page - Micronas VSP9402A Datasheet HTML 60Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
VSP 94x2A
DATA SHEET
56
Aug. 16, 2004; 6251-552-1DS
Micronas
Subaddress 0Fh
D7
RGBSEL
[FP-RGB]
Input selection
‘0’: use RGB/YUV input1
‘1’: use RGB/YUV input2
D6-D0
MIXGAIN
[FP-RGB]
Gain of Fast Blank Signal
‘1000000’: −64
‘0000000’: 0
‘0111111’: +63
Note: For proper operation in dynamic softmix mode, absolute value of MIX-
GAIN must be bigger than 2 (e.g. 3)
Subaddress 10h
D7
CLMPVG
[FP-RGB]
Clamping Value G ADC
‘0’: 16
‘1’: 80
D6
DCLMPF
[FP-RGB]
Clamping Fast Blank input
‘0’: enable clamping
‘1’: disable clamping (DC coupling)
D5-D0
USATADJ
[FP-RGB]
U Saturation Adjustment
‘000000’: 0
‘000001’: 1/32
‘100000’: 1
‘111111’: 63/32
Subaddress 11h
D7-D6
STANDBY
[FP-RGB]
Standby Mode
‘00’: all analog cores active
‘01’: RGB/FBL ADCs in Stand-By mode
‘10’: RGB/FBL and CVBS ADCs and DACs in Stand-By mode
‘11’: DACs in Stand-By mode
D5-D0
VSATADJ
[FP-RGB]
V Saturation Adjustment
‘000000’: 0
‘000001’: 1/32
‘100000’: 1
‘111111’: 63/32
Subaddress 12h
D7
Y2RGB
[FP-RGB]
Y to RGB (for YUV mode)
0: use Y from green ADC
1: use Y from CVBS ADC
D5-D0
YFDEL
[FP-RGB]
Y/FBL Delay Adjustment
Granularity: 50 ns
‘000000’: no delay
‘111111’: 3.15 µs
Table 3–8: I2C bus command description, continued
Bit
Name
Description


Similar Part No. - VSP9402A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01GWD TI1-VSP01M01GWD Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01GWDR TI1-VSP01M01GWDR Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01ZWD TI1-VSP01M01ZWD Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01ZWDR TI1-VSP01M01ZWDR Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
More results

Similar Description - VSP9402A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
   SRC-Scan Rate Converter SDA9255
logo
NXP Semiconductors
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
logo
Micronas
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
   Display Processor and Scan Rate Converter
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
NXP Semiconductors
SAA9051 PHILIPS-SAA9051 Datasheet
1Mb / 44P
   Digital multistandard TV decoder
May 1991
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
List of Unclassifed Man...
SDA9401 ETC-SDA9401 Datasheet
1Mb / 69P
   Scan Rate Converter using Embedded DRAM Technology Units
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com