Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXE375-AP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RXE375-AP
Description  PolySwitch RXE device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXE375-AP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RXE375-AP Datasheet HTML 1Page - List of Unclassifed Manufacturers RXE375-AP Datasheet HTML 2Page - List of Unclassifed Manufacturers RXE375-AP Datasheet HTML 3Page - List of Unclassifed Manufacturers RXE375-AP Datasheet HTML 4Page - List of Unclassifed Manufacturers RXE375-AP Datasheet HTML 5Page - List of Unclassifed Manufacturers RXE375-AP Datasheet HTML 6Page - List of Unclassifed Manufacturers RXE375-AP Datasheet HTML 7Page - List of Unclassifed Manufacturers RXE375-AP Datasheet HTML 8Page - List of Unclassifed Manufacturers RXE375-AP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1. Define the circuit’s operating parameters.
Fill in the following information about the circuit:
Maximum ambient operating temperature
________________
Normal operating current
________________
Maximum operating voltage (RXE is 60 V max.)
________________
Maximum interrupt current
________________
2. Select the PolySwitch RXE device that will accommodate the
circuit’s maximum ambient operating temperature and
nor-
mal operating current.
Look across the top of the table on the next page to find the tempera-
ture that most closely matches the circuit’s maximum ambient operat-
ing temperature. Look down that column to find the value equal to or
greater than the circuit’s normal operating current. Now look to the far
left of that row to find the part number for the RXE device that will best
accommodate the circuit.
The thermal derating curve located on the next page is a normalized
representation of the data in the table located on the same page.
166 RXE Devices
Raychem Circuit Protection Devices
RXE
Radial Leaded
4
RXE(7)
1/15/99 11:44 AM
Page 166


Similar Part No. - RXE375-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXE300 MACOM-RXE300 Datasheet
20Kb / 1P
   PolySwitch PTC Devices
RXE34005 MACOM-RXE34005 Datasheet
528Kb / 4P
   Power PCB Relay
RXE34005C MACOM-RXE34005C Datasheet
528Kb / 4P
   Power PCB Relay
RXE34012 MACOM-RXE34012 Datasheet
528Kb / 4P
   Power PCB Relay
RXE34012C MACOM-RXE34012C Datasheet
528Kb / 4P
   Power PCB Relay
More results

Similar Description - RXE375-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
   PolySwitch PTC Devices Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com