Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX16819 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX16819
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX16819 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2MHz High-Brightness LED Drivers with
High-Side Current Sense and 5000:1 Dimming
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GATE DRIVER
Gate Driver Source Current
VCSN = VIN, VDRV = 0.5 x VCC
0.5
A
Gate Driver Sink Current
VCSN = VIN - 250mV, VDRV = 0.5 x VCC
1A
Gate Driver Output-Voltage High
VOH
IDRV = 10mA
VCC - 0.5
V
Gate Driver Output-Voltage Low
VOL
IDRV = -10mA
0.5
V
DIM INPUT
Maximum DIM Frequency
fDIM
20
kHz
DIM Input-Voltage High
VIH
VCSN = VIN, increase DIM until VDRV >
(VCC - 0.5V)
2.8
V
DIM Input-Voltage Low
VIL
VCSN = VIN, decrease DIM until
VDRV < 0.5V
0.6
V
DIM Hysteresis
DIMHYS
200
mV
DIM Turn-On Time
tDIMON
DIM rising edge to VDRV = 0.5 x VCC,
CDRV = 1nF
100
ns
DIM Turn-Off Time
tDIMOFF
DIM falling edge to VDRV = 0.5 x VCC,
CDRV = 1nF
100
ns
DIM Input Leakage High
VDIM = VIN
10
µA
DIM Input Leakage Low
VDIM = 0V
-1
+1
µA
VCC REGULATOR
IVCC = 0.1mA to 10mA, VIN = 5.5V to 28V
4.5
5.5
V
Regulator Output Voltage
VCC
IVCC = 0.1mA to 10mA, VIN = 4.5V to 28V
4.0
5.5
V
Load Regulation
IVCC = 0.1mA to 10mA, VIN = 12V
4
Line Regulation
VIN = 6V to 28V, IVCC = 10mA
11
mV
Power-Supply Rejection Ratio
PSRR
VIN = 12V, IVCC = 5mA, fIN = 10kHz
-35
dB
VIN = 4.5V, VCC = 0V
45
mA
Current Limit
ILIM
VIN = 4.5V, VCC = 4V
18
mA
Regulator Startup Time
tSTRAT
VCC = 0 to 4.5V
350
µs
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, VDIM = VIN, CVCC = 1µF, RSENSE = 0.5Ω, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Note 1: All devices are 100% production tested at TJ = +25°C and +125°C. Limits to -40°C are guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn