Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MI Datasheet(PDF) 42 Page - Micrel Semiconductor

Part # KS8995MI
Description  Integrated 5-Port 10/100 Managed Switch
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MI Datasheet(HTML) 42 Page - Micrel Semiconductor

Back Button KS8995MI Datasheet HTML 38Page - Micrel Semiconductor KS8995MI Datasheet HTML 39Page - Micrel Semiconductor KS8995MI Datasheet HTML 40Page - Micrel Semiconductor KS8995MI Datasheet HTML 41Page - Micrel Semiconductor KS8995MI Datasheet HTML 42Page - Micrel Semiconductor KS8995MI Datasheet HTML 43Page - Micrel Semiconductor KS8995MI Datasheet HTML 44Page - Micrel Semiconductor KS8995MI Datasheet HTML 45Page - Micrel Semiconductor KS8995MI Datasheet HTML 46Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
KS8995M
Micrel
M9999-120403
42
December 2003
Address
Name
Description
Mode
Default
1
Legal Maximum Packet
1, will accept packet sizes up to 1536 bytes (inclusive).
R/W
Pin PMRXER
size check disable
0, 1522 bytes for tagged packets (not including packets
strap option.
with STPID from CPU to ports 1-4), 1518 bytes for
Pull-down (0):
untagged packets. Any packets larger than the specified
1518/1522 byte
value will be dropped.
packets. Pull-up
(1): 1536 byte
packets.
Note: PMRXER
has internal pull
down.
0
Priority Buffer reserve
1, Each output queue is pre-allocated 48 buffers,
R/W
0
used exclusively for high priority packets. It is
recommended to enable this when priority queue
feature is turned on.
0, No reserved buffers for high priority packets.
Register 5 (0x05): Global Control 3
7
802.1q VLAN enable
1, 802.1q VLAN mode is turned on. VLAN table needs
R/W
0
to set up before the operation.
0, 802.1q VLAN is disabled.
6
IGMP snoop enable on
1, IGMP snoop enabled. All the IGMP packets will be
R/W
0
Switch MII interface
forwarded to switch MII port.
0, IGMP snoop disabled.
5
Enable direct mode on
1, direct mode on port 5. This is a special mode for the
R/W
0
Switch MII interface
switch MII interface. Using preamble before MRXDV to
direct switch to forward packets, bypassing internal
look-up.
0, normal operation.
4
Enable pre tag on
1, packets forwarded to switch MII interface will be
R/W
0
Switch MII interface
pre-tagged with the source port number.
(preamble before MRXDV)
0, normal operation.
3-2
Priority Scheme select
00 = always deliver high priority packets first.
R/W
00
01 = deliver high/low packets at ratio 10/1.
10 = deliver high/low packets at ratio 5/1.
11 = deliver high/low packets at ratio 2/1.
1
Enable “tag” mask
1, the last 5 digits in the VID field are used as a mask
R/W
0
to determine which port(s) the packet should be
forwarded to.
0, no tag masks.
0
Sniff mode select
1, will do Rx AND Tx sniff (both source port and
R/W
0
destination port need to match).
0, will do Rx OR Tx sniff (Either source port or
destination port needs to match). This is the mode
used to implement Rx only sniff.
Register 6 (0x06): Global Control 4
7
Switch MII back
1, enable half-duplex back pressure on switch MII
R/W
0
pressure enable
interface.
0, disable back pressure on switch MII interface.
6
Switch MII half
1, enable MII interface half-duplex mode.
R/W
Pin SMRXD2 strap
duplex mode
0, enable MII interface full-duplex mode.
option. Pull-down
(0): Full duplex
mode. Pull-up
(1): Half duplex
mode
Note:
SMRXD2 has
internal pull down.


Similar Part No. - KS8995MI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MI MICREL-KS8995MI Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com