Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MI Datasheet(PDF) 61 Page - Micrel Semiconductor

Part # KS8995MI
Description  Integrated 5-Port 10/100 Managed Switch
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MI Datasheet(HTML) 61 Page - Micrel Semiconductor

Back Button KS8995MI Datasheet HTML 57Page - Micrel Semiconductor KS8995MI Datasheet HTML 58Page - Micrel Semiconductor KS8995MI Datasheet HTML 59Page - Micrel Semiconductor KS8995MI Datasheet HTML 60Page - Micrel Semiconductor KS8995MI Datasheet HTML 61Page - Micrel Semiconductor KS8995MI Datasheet HTML 62Page - Micrel Semiconductor KS8995MI Datasheet HTML 63Page - Micrel Semiconductor KS8995MI Datasheet HTML 64Page - Micrel Semiconductor KS8995MI Datasheet HTML 65Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
December 2003
61
M9999-120403
KS8995M
Micrel
Address
Name
Description
Mode
Default
Register 1: MII Status
15
T4 capable
0, Not 100 BaseT4 capable
RO
0
14
100 Full capable
1, 100BaseTX full-duplex capable
RO
1
0, Not capable of 100BaseTX full-duplex
13
100 Half capable
1, 100BaseTX half-duplex capable
RO
1
0, Not 100BaseTX half-duplex capable
12
10 Full capable
1, 10BaseT full-duplex capable
RO
1
0, Not 10BaseT full-duplex capable
11
10 Half capable
1, 10BaseT half-duplex capable
RO
1
0, 10BaseT half-duplex capable
10-7
Reserved
RO
0
6
Preamble suppressed
NOT SUPPORTED
RO
0
5
AN complete
1, Auto-negotiation complete
RO
0
0, Auto-negotiation not completed
4
Far end fault
1, Far end fault detected
RO
0
0, No far end fault detected
3
AN capable
1, Auto-negotiation capable
RO
1
0, Not Auto-negotiation capable
2
Link status
1, Link is up
RO
0
0, Link is down
1
Jabber test
NOT SUPPORTED
RO
0
0
Extended capable
0, Not extended register capable
RO
0
Register 2: PHYID HIGH
15-0
Phyid high
High order PHYID bits
RO
0x0022
Register 3: PHYID LOW
15-0
Phyid low
Low order PHYID bits
RO
0x1450
Register 4: Advertisement Ability
15
Next page
NOT SUPPORTED
RO
0
14
Reserved
RO
0
13
Remote fault
NOT SUPPORTED
RO
0
12-11
Reserved
RO
0
10
Pause
1, Advertise pause ability
R/W
1
0, Do not advertise pause ability
9
Reserved
R/W
0
8
Adv 100 Full
1, Advertise 100 full-duplex ability
R/W
1
0, Do not advertise 100 full-duplex ability
7
Adv 100 Half
1, Advertise 100 half-duplex ability
R/W
1
0, Do not advertise 100 half-duplex ability
6
Adv 10 Full
1, Advertise 10 full-duplex ability
R/W
1
0, Do not advertise 10 full-duplex ability
5
Adv 10 Half
1, Advertise 10 half-duplex ability
R/W
1
0, Do not advertise 10 half-duplex ability
4-0
Selector field
802.3
RO
00001


Similar Part No. - KS8995MI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MI MICREL-KS8995MI Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com