Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATA6831 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. ATA6831
Description  Triple Half-bridge Driver with SP and PWM
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

ATA6831 Datasheet(HTML) 5 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
4908D–AUTO–09/06
ATA6831
Table 3-2.
Output Data Protocol
Bit
Output (Status)
Register
Function
0
TP
Temperature prewarning: high = warning
1
Status LS1
Normal operation: high = output is on, low = output is off
Open-load detection: high = open load, low = no open load
(correct load condition is detected if the corresponding output is
switched off); not affected by SRR
2
Status HS1
Normal operation: high = output is on, low = output is off
Open-load detection: high = open load, low = no open load
(correct load condition is detected if the corresponding output is
switched off); not affected by SRR
3
Status LS2
Description see LS1
4
Status HS2
Description see HS1
5
Status LS3
Description see LS1
6
Status HS3
Description see HS1
7
n. u.
Not used
8
n. u.
Not used
9
n. u.
Not used
10
n. u.
Not used
11
n. u.
Not used
12
n. u.
Not used
13
OVL
Over-load detected: set high, when at least one output is switched off
by a short-circuit condition or an overtemperature event. Bits 1 to 6 can
be used to detect the affected switch
14
INH
Inhibit: this bit is controlled by software (bit SI in input register)
High = standby, low = normal operation
15
PSF
Power-supply fail: undervoltage at pin VS detected


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn