Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75447D Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75447D
Description  DUAL PERIPHERAL DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75447D Datasheet(HTML) 3 Page - Texas Instruments

  SN75447D Datasheet HTML 1Page - Texas Instruments SN75447D Datasheet HTML 2Page - Texas Instruments SN75447D Datasheet HTML 3Page - Texas Instruments SN75447D Datasheet HTML 4Page - Texas Instruments SN75447D Datasheet HTML 5Page - Texas Instruments SN75447D Datasheet HTML 6Page - Texas Instruments SN75447D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN75446, SN75447
DUAL PERIPHERAL DRIVERS
SLRS020A – DECEMBER 1978 – REVISED NOVEMBER 1995
3–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Operating free-air temperature range, TA
0
70
°C
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 12 mA
– 0.9
– 1.5
V
IOL = 100 mA
0.1
0.3
VOL
Low level output voltage
VCC = 4.75 V,
VIH 2V
IOL = 200 mA
0.22
0.45
V
VOL
Low-level output voltage
VIH = 2 V,
VIL = 0.8 V
IOL = 300 mA
0.45
0.65
V
VIL = 0.8 V
IOL = 350 mA
0.55
0.75
VO(BR)
Output breakdown voltage
VCC = 4.75 V,
IOH = 100 µA
70
100
V
VR(K)
Output clamp-diode reverse voltage
VCC = 4.75 V,
IR = 100 µA
70
100
V
VF(K)
Output clamp-diode forward voltage
VCC = 4.75 V,
IF = 350 mA
0.6
1.2
1.6
V
IOH
High level output current
VCC = 4.75 V,
VIH = 2 V,
1
100
µA
IOH
High-level output current
CC
,
VIL = 0.8 V,
IH
,
VOH = 70 V
1
100
µA
IIH
High-level input current
VCC = 5.25 V,
VI = 5.25 V
0.01
10
µA
IIL
Low level input current
A input
VCC = 5 25 V
VI =0 8V
– 0.5
–10
µA
IIL
Low-level input current
S input
VCC = 5.25 V,
VI = 0.8 V
–1
–20
µA
ICCH
Supply current outputs high
SN75446
VCC = 5 25 V
VI = 5 V
11
18
mA
ICCH
Supply current, outputs high
SN75447
VCC = 5.25 V
VI = 0
11
18
mA
ICCL
Supply current outputs low
SN75446
VCC = 5 25 V
VI = 0
11
18
mA
ICCL
Supply current, outputs low
SN75447
VCC = 5.25 V
VI = 5 V
11
18
mA
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
300
750
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 15 pF,
RL = 100 Ω,
200
500
ns
tTLH
Transition time, low-to-high-level output
L
,
See Figure 1
L
,
50
100
ns
tTHL
Transition time, high-to-low-level output
50
100
ns
VOH
High level output voltage after switching
VS = 55 V,
IO [ 300 mA,
VS 0 018
V
VOH
High-level output voltage after switching
S
See Figure 2
O
VS – 0.018
V


Similar Part No. - SN75447D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75447 TI1-SN75447 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75447 TI-SN75447 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN75447D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
National Semiconductor ...
DS55451 NSC-DS55451 Datasheet
249Kb / 16P
   Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com