Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SN75446 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN75446
Description  DUAL PERIPHERAL DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN75446 Datasheet(HTML) 4 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN75446, SN75447
DUAL PERIPHERAL DRIVERS
SLRS020A – DECEMBER 1978 – REVISED NOVEMBER 1995
3–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SN75446
SN75447
RL = 100 Ω
CL = 15 pF
(see Note B)
VCC
2.7 V
2.7 V
1.5 V
1.5 V
0.7 V
0.7 V
50%
50%
tPHL
≤ 10 ns
≤ 5 ns
3 V
0 V
VOH
VOL
Output
VOLTAGE WAVEFORMS
0.3 V
2.7 V
tPLH
10%
10%
90%
90%
tTHL
tTLH
3 V
0 V
≤ 10 ns
≤ 5 ns
0.3 V
1.5 V
2.7 V
1.5 V
5
µs
SN75446 Input
Pulse
Generator
(see Note A)
Input
Circuit
Under
Test
Output
Open
A/S
2.4 V
30 V
S/A
0.4 V
TEST CIRCUIT
SN75447 Input
NOTES: A. The pulse generator has the following characteristics: PRR = 100 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms, Switching Characteristics


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn