Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF365A-LYCATXX Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. MF365A-LYCATXX
Description  8/16-bit Data Bus Static RAM Card
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF365A-LYCATXX Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF365A-LYCATXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF365A-LYCATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF365A-LYCATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF365A-LYCATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF365A-LYCATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF365A-LYCATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF365A-LYCATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF365A-LYCATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF365A-LYCATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
1/14
Apr. 1999 Rev. 1.2
8/16-bit Data Bus
Static RAM Card
Connector Type
Two- piece 68-pin
1. DESCRIPTION
Mitsubishi’s Static RAM cards provide large memory
capacities on a device approximately the size of a
credit card (85.6mm
×54mm×3.3mm). The cards use
a 8/16 bit data-bus.
Available in 64KB, 128KB, 256KB, 512KB,
1 MB, 2 MB and 4 MB capacities, Mitsubishi’s
SRAM cards conform to the PC Card Standard.
Mitsubishi achieved high density memory, while
maintaining credit size by using a thin small outline
packaging technology (TSOP). The TSOP surpasses
conventional memory card chip-on-board packaging
technology where larger, surface-mount devices
result in a tradeoff between card size and optimum
memory density. The TSOP, with external leads
spaced on 20-mil centers, is over four times smaller
than standard equivalent pin count surface-mount
packages. This allows up to 8 memory ICs (plus
interface circuitry) to be mounted in a card that in
only 3.3mm thick.
MF365A-LYCATXX
MF3129-LYCATXX
MF3257-LYCATXX
MF3513-LYCATXX
MF31M1-LYCATXX
MF32M1-LYCATXX
MF34M1-LYCATXX
2. FEATURES
nUses TSOP (Thin Small Outline Package) to
achieve very high memory density coupled with
high reliability, without enlarging card size
nElectrostatic discharge protection to 15kV
nBuffered interface
nWrite protect switch
n68pin
3. APPLICATIONS
nOffice automation
nData Communication
nComputers
nIndustrial
nTelecommunications nConsumer
4. PRODUCT LIST
Item
Memory
Data Bus
Attribute
Auxiliary
Type name
capacity
width(bits)
memory
battery
MF365A-LYCATXX
64KB
MF3129-LYCATXX
128KB
MF3257-LYCATXX
256KB
MF3513-LYCATXX
512KB
8/16
NO
NO
MF31M1-LYCATXX
1MB
MF32M1-LYCATXX
2MB
MF34M1-LYCATXX
4MB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF365A-J8CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-J9CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LCDATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LZCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-L6DAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-LCDAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
IS61NW643264K x 32 SYNCHRONOUS STATIC RAM WITH NO-WAIT STATE BUS FEATURE 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
MF82M1-GMCAVXX8/16-bit Data Bus Flash Memory Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn