Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY58610U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY58610U
Description  3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY58610U Datasheet(HTML) 4 Page - Micrel Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
SY58610U
November 2006
4
M9999-111406-A
hbwhelp@micrel.com or (408) 955-1690
LVPECL Outputs DC Electrical Characteristics
(7)
VCC = +2.5V ±5% or +3.3V ±10%, RL = 50Ω to VCC-2V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
Q0, /Q0, Q1, /Q1
VCC-1.145
VCC -0.895
V
VOL
Output LOW Voltage
Q0, /Q0, Q1, /Q1
VCC-1.945
VCC-1.695
V
VOUT
Output Voltage Swing
See Figure 3a
550
800
950
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 3b
1100
1600
mV
LVTTL/CMOS DC Electrical Characteristics
(70)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to + 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
-125
30
µA
IIL
Input LOW Current
-300
µA
Notes:
7. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn