Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY58610U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY58610U
Description  3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY58610U Datasheet(HTML) 3 Page - Micrel Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
SY58610U
November 2006
3
M9999-111406-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)............................... –0.5V to +4.0V
Input Voltage (VIN) .......................................–0.5V to VCC
LVPECL Output Current(IOUT)
Continuous.......................................................50mA
Surge .............................................................100mA
Current (VT)
Source or sink on VT pin .............................±100mA
Input Current
Source or sink Current on (IN, /IN) ................±50mA
Current (VREF)
Source or sink current on VREF-AC
(4) ..............±0.5mA
Maximum operating Junction Temperature ......... 125°C
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts) ....................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VIN)........................ +2.375V to +3.60V
Ambient Temperature (TA) ................... –40°C to +85°C
Package Thermal Resistance
(3)
MLF
®
Still-air (
θJA)............................................ 60°C/W
Junction-to-board (
ψJB) ......................... 33°C/W
DC Electrical Characteristics
(5)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage Range
2.375
3.0
2.5
3.3
2.625
3.6
V
ICC
Power Supply Current
No load, max. VCC
40
50
mA
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input HIGH Voltage
(IN, /IN)
IN, /IN
1.2
VCC
V
VIL
Input LOW Voltage
(IN, /IN)
IN, /IN
0.2
VIH–0.1
V
VIN
Input Voltage Swing
(IN, /IN)
see Figure 3a, Note 6
0.1
1.0
V
VDIFF_IN
Differential Input Voltage Swing
(|IN - /IN|)
see Figure 3b
0.2
V
VIN_FSI
Input Voltage Threshold that
Triggers FSI
30
100
mV
VREF-AC
AC Reference Voltage
VCC-1.3
VCC-1.0
V
VT_IN
Voltage from Input to VT
1.28
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
ψJB and θJA
values are determined for a 4-layer board in still-air number, unless otherwise stated.
4. Due to the limited drive capability, use for input of the same package only.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIN (max) is specified when VT is floating.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn