Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEP8506 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part No. SEP8506
Description  GaAs Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SEP8506 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  SEP8506 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SEP8506 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SEP8506 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SEP8506 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GaAs Infrared Emitting Diode
SEP8506
Relative Power Output vs
Free Air Temperature
gra_130.ds4
T
A - Free-air temperature - (°C)
0.1
1.0
10
-50
-25
0
+25
+50
+75
+100
0.2
0.5
2.0
5.0
I
F = 30 mA
I
F = 20 mA
I
F = 10 mA
I
F = 40 mA
Fig. 7
All Performance Curves Show Typical Values
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
43


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SE3470 AlGaAs Infrared Emitting Diode 1  2  3  4  Honeywell Solid State Electronics Center
OP298 GaAlAs Plastic Infrared Emitting Diodes 1  2  3  4  OPTEK Technologies
OP268FPS Plastic Point Source In fra red Emitting Diode 1  2  OPTEK Technologies
TLN107A INFRARED LED GaAS INFRARED EMITTER 1  2  3  4  Toshiba Semiconductor
BAV70TT1 Dual Switching Diode 1  2  3  4  5  More ON Semiconductor
85EPS INPUT RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
MA4AGSW3 AlGaAs SP3T PIN Diode Switch 1  2  3  4  5  More Tyco Electronics
3R3TI20E-080 DIODE and TYRISTOR MODULE 1  2  3  4  List of Unclassifed Manufacturers
BYC10-600CT Rectifier diode ultrafast low switching loss 1  2  3  4  5  More NXP Semiconductors
FLX257XV GaAs FET & HEMT Chips 1  2  3  4  Eudyna Devices Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn