Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCF85116-3 Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. PCF85116-3
Description  2048 x 8-bit CMOS EEPROM with I2C-bus interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116-3 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF85116-3 Datasheet HTML 6Page - NXP Semiconductors PCF85116-3 Datasheet HTML 7Page - NXP Semiconductors PCF85116-3 Datasheet HTML 8Page - NXP Semiconductors PCF85116-3 Datasheet HTML 9Page - NXP Semiconductors PCF85116-3 Datasheet HTML 10Page - NXP Semiconductors PCF85116-3 Datasheet HTML 11Page - NXP Semiconductors PCF85116-3 Datasheet HTML 12Page - NXP Semiconductors PCF85116-3 Datasheet HTML 13Page - NXP Semiconductors PCF85116-3 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Philips Semiconductors
PCF85116-3
2048
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 25 October 2004
10 of 21
9397 750 14217
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.
Limiting values
[1]
ESD human body model Q22 at Tamb =22 °C; discharge procedure according to MIL-STD-883C Method 3015.
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+6.5
V
Vi
input voltage on any input pin
|Z
i| > 500 Ω
VSS − 0.8
+6.5
V
Ii
input current on any input pin
-
1
mA
Io
output current
-
10
mA
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Vesd
electrostatic discharge voltage
[1]
2-
kV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn