Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCF85116-3 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. PCF85116-3
Description  2048 x 8-bit CMOS EEPROM with I2C-bus interface
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PCF85116-3 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Philips Semiconductors
PCF85116-3
2048
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 25 October 2004
4 of 21
9397 750 14217
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Device selection
[1]
The Most Significant Bit (MSB) ‘B7’ is sent first.
Fig 2.
Pin configuration.
1
2
3
4
8
7
6
5
n.c.
n.c.
n.c.
VSS
SDA
SCL
WP
VDD
PCF85116-3
002aaa284
Table 4:
Pin description
Symbol
Pin
Description
n.c.
1
not connected
n.c.
2
not connected
n.c.
3
not connected
VSS
4
negative supply voltage
SDA
5
serial data input/output (I2C-bus)
SCL
6
serial clock input (I2C-bus)
WP
7
active HIGH write-protection input
VDD
8
positive supply voltage
Table 5:
Device selection code
Selection
Device code
Chip enable
R/W
Bit
B7[1]
B6
B5
B4
B3
B2
B1
B0
Device
1010
MEM SEL 2 MEM SEL 1 MEM SEL 0
R/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn