Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PAN301A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PAN301A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PAN301A
PAN301A CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
General Description
The PAN301A is a high performance CMOS process optical mouse sensor with DSP integration chip that serves
as a non-mechanical motion estimation engine for implementing a computer mouse.
Key Specification
Power Supply
Wide operating supply range
4.5V~5.5V
Optical Lens
1:1
System Clock 18.432 MHz
Speed
37 inches/sec
Acceleration
20g
Resolution
400/600/800cpi
Frame Rate
3000 frames/sec
Operating
Current
12mA @Mouse moving (Normal)
5mA @Mouse not moving (sleep1)
100uA @Power down mode
Package
Shrunk DIP20
Features
Single 5.0 volt power supply
Precise optical motion estimation technology
Complete 2-D motion sensor
No mechanical parts
Accurate motion estimation over a wide range of
surfaces
High speed motion detection up to 37 inches/sec
and acceleration can be up to 20g
High resolution up to 800cpi
Power down pin and register setting for low
power dissipation.
Power saving mode during times of no movement
Serial Interface for programming and data
transfer
I/O pin 5.0 volt tolerance
Ordering Information
Order number
I/O
Resolution
PAN301ASI-204
CMOS output
400 cpi
PAN301ASI-208
CMOS output
800 cpi
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn