Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN301A Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PAN301A Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button PAN301A Datasheet HTML 16Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 17Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 18Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 19Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 20Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 21Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 22Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 23Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
8. Package Information
8.1 Package Outline Drawing
11
12
13
14
15
16
17
18
19
20
23
4
5
67
8
9
19.30
0.760
0.457
0.018
1.778
0.070
5.715
0.225
0.800
0.031
5.56
0.2189
5.080
0.200
11.938
0.470
1
2
3
4
56
78
11
12
13
14
15
16
910
17
18
19
20
1
10
4.55
0.179
13.589
0.535
1.46
0.0575
9.98
0.393
5.08
0.200
1.02
0.040
0.254
0.010
3.20
0.126
14.22
0.560
NOTES:
1. All dimensions in MM/INCH.
2. All dimensions tolerance: +/- 0.10mm
3. Maxmumflash: +0.2mm
4.064
0.160
5 - 12
Figure 24. Package outline drawing
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
23
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004


Similar Part No. - PAN301A

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301ASI-204 PIXART-PAN301ASI-204 Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301ASI-208 PIXART-PAN301ASI-208 Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
More results

Similar Description - PAN301A

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com