Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN301A Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part No. PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PAN301A Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
7.4 PCB Layout Consideration
1. Caps for pins 8, 9, 10 MUST have trace lengths LESS than 5mm.
2. The trace lengths of OSCOUT, OSCIN must less than 6mm.
7.5 Recommended Value for R1
Radiometric intensity of LED
Bin limits (mW/Sr at 20mA)
LED Bin grade
Min.
Typ.
Max.
N
14.7
17.7
P
17.7
21.2
Q
21.2
25.4
Note: Tolerance for each bin will be ± 15%
R1 value (ohm), VDD=5.0V
LED bin grade
Min.
Typ.
Max.
N
51
100
P
51
100
Q
51
100
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
22
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn