Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN301A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PAN301A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
1. Pin Description
Pin No.
Name
Type
Definition
1
VSS_LED
GND
LED ground
2
LED
I/O
LED control
3
OSCOUT
OUT
Resonator output
4
OSCIN
IN
Resonator input
5
NC
-
No connection
6
VSS
GND
Chip ground
7
VSS
GND
Chip ground
8
VDD
PWR
Chip power, 5V power supply
9
VREFA
BYPASS
Analog voltage reference
10
VREFB
BYPASS
Analog voltage reference
11
YA
OUT
YA quadrature output
12
YB
OUT
YB quadrature output
13
XA
OUT
XA quadrature output
14
XB
OUT
XB quadrature output
15
NC
-
No connection
16
NC
-
No connection
17
NC
-
No connection
18
SCLK
IN
Serial interface clock
19
SDIO
I/O
Serial interface bi-direction data
20
PD
IN
Power down pin, active high
1
11
10
20
1
11
10
20
LB
RB
+ X
+ Y
Figure 1. Top view pinout
Figure 2. Top view of mouse
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn