Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN301A Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part No. PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PAN301A Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
7. Referencing Application Circuit
7.1 Recommended Typical Application using Serial Interface
D-/SDATA
VCC_5V
D+/SCLK
GND
JP1
HEADER 4
1
2
3
4
+
C3
10uF
X1
18.432MHz
U2
PAN301ASI-20X
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
NC
NC
PD
VSS_LED
OSCIN
YB
VREFB
VSS
VSS
SCLK
SDIO
NC
LED
OSCOUT
YA
VDD
VREFA
NC
C5
0.1uF
R1
ENSW1
ENCODER
1
2
3
Z2
Z1
COM
C2
10uF
SW2
M
1
2
SW1
L
1
2
+
C4
1uF
C6
0.1uF
C1
0.1uF
R2
1.3K
SW3
R
1
2
D1
LED
U1
CY7C63723-PC
8
13
12
9
10
2
3
4
14
16
11
6
1
18
5
15
7
17
VREG
D+/SCLK
D-/SDATA
XTALIN
XTALOUT
P0.1
P0.2
P0.3
P1.1
P0.6
VCC
VSS
P0.0
P0.4
P1.0
P0.7
VPP
P0.5
Figure 18. Application circuit using serial interface with PAN301ASI-20X
Figure 19. Example printed circuit board layout. (PAN301ASI-20X V.S CY7C63723-PC)
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
19
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn