Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN301A Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part No. PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PAN301A Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
6. Serial Interface
The synchronous serial port is used to set and read parameters in the PAN301A, and can be used to read
out the motion information instead of the quadrature data pins.
SCLK: The serial clock line. It is always generated by the host micro-controller.
SDIO: The serial data line used for write and read data.
PD:
A third line is sometimes involved. PD(Power Down pin) is usually used to place the PAN301A
in a low power mode to meet USB suspend specification. PD can also be used to force re-
synchronization between the micro-controller and the PAN301A in case of an error.
6.1 Transmission Protocol
The transmission protocol is a two-wire link, half duplex protocol between the micro-controller and
PAN301A. All data changes on SDIO are initiated by the falling edge on SCLK. The host micro-
controller always initiates communication; the PAN301A never initiates data transfers.
The transmission protocol consists of the two operation modes:
- Write Operation.
- Read Operation.
Both of the two operation modes consist of two bytes. The first byte contains the address (seven bits) and
has a bit7 as its MSB to indicate data direction. The second byte contains the data.
ADDRESS (7 BIT)
DATA (8 BIT)
FIRST BYTE
SECOND BYTE
MSB
LSB
R/W
(1 BIT)
MSB
LSB
Figure 9. Transmission protocol
6.1.1 Write Operation
A write operation, which means that data is going from the micro-controller to the PAN301A, is always
initiated by the micro-controller and consists of two bytes. The first byte contains the address (seven bits)
and has a “1” as its MSB to indicate data direction. The second byte contains the data. The transfer is
synchronized by SCLK. The micro-controller changes SDIO on falling edges of SCLK. The PAN301A
reads SDIO on rising edges of SCLK.
SDIO driven by Micro-controller
SCLK
SDIO
123
456
78
10
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
9
1112
1314
15
A6
DON'T
CARE
1
DON'T
CARE
16
Figure 10. Write operation
6.1.2 Read Operation
A read operation, which means that data is going from the PAN301A to the micro-controller, is always
initiated by the micro-controller and consists of two bytes. The first byte contains the address, is written
by the micro-controller, and has a “0” as its MSB to indicate data direction. The second byte contains the
data and is driven by the PAN301A. The transfer is synchronized by SCLK. SDIO is changed on falling
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn