Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN301A Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PAN301A Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
AC Operating Condition
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD =5.0 V
Symbol
Parameter
Min. Typ. Max. Unit Notes
tPD
Power Down
500
us From PD↑. (Refer to Figure 15)
tPDW
PD Pulse Width
700
us
Pulse width to reset the serial interface. (Refer
to Figure 15)
tPDR
PD Pulse Register
333
us
One frame time maximum after setting bit 2
in the Configuration register
@3000frame/sec. (Refer to Figure 17)
tPUPD
Power Up from PD↓
8
30.5
ms
From PD↓ to valid quad signals. After tPUPD,
all registers contain valid data from first
image after PD↓. Note that an additional 90
frames for Auto-Exposure (AE) stabilization
may be required if mouse movement occurred
while PD was high. (Refer to Figure 15)
tPU
Power Up from VDD
8
30.5
ms
From VDD↑ to valid quad signals.
500usec + 90frames.
tHOLD
SDIO read hold time
3
us
Minimum hold time for valid data. (Refer to
Figure 11)
tRESYNC
Serial Interface RESYNC.
1
us @3000frame/sec (Refer to Figure 14)
tSIWTT
Serial Interface Watchdog
Timer Timeout
1.7
ms @3000frame/sec (Refer to Figure 14)
t r , t f
Rise and Fall Times: SDIO
25,
20
ns CL = 30pf
t r , t f
Rise and Fall Times:
XA, XB, YA, YB
25,
20
ns CL = 30pf
t r , t f
Rise and Fall Times: ILED
10,
10
ns LED bin grade: R; R1=100ohm
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn