Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV212A32U Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MTV212A32U
Description  8051 Embedded Monitor Controller MTP Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTV212A32U Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MTV212A32U Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MYSON
TECHNOLOGY
MTV212M64
(Rev. 1.2)
Revision 1.2
- 4 -
2000/07/04
PIN DESCRIPTION
Pin#
Name
Type
40
40
42
44
Description
DA2/P5.2
I/O
1
1
1
1
PWM DAC output / General purpose I/O (open drain).
DA1/P5.1
I/O
2
2
2
2
PWM DAC output / General purpose I/O (open drain).
DA0/P5.0
I/O
3
3
3
3
PWM DAC output / General purpose I/O (open drain).
V33CAP/NC
I/O
-
4
4
4
3.3V Regulator Capacitor connection or NC.
DM/NC
I/O
-
5
5
5
USB DM or NC.
DP/NC
I/O
-
6
6
6
USB DP or NC.
RST
I
4
7
7
7
Active high reset.
VDD
-
5
8
8
8
Positive Power Supply.
P2.3/AD3
I/O
-
-
-
9
General purpose I/O / ADC Input.
VSS
-
6
9
9
10
Ground.
X2
O
7
10
10
11
Oscillator output.
X1
I
8
11
11
12
Oscillator input.
ISDA/P3.4/T0
I/O
9
12
12
13
Master IIC data / General purpose I/O / T0.
ISCL/P3.5/T1
I/O
10
13
13
14
Master IIC clock / General purpose I/O / T1.
STOUT/P4.2
O
11
14
14
15
Self-test video output / General purpose Output.
P2.2/AD2
I/O
12
15
15
16
General purpose I/O / ADC Input.
P1.0
I/O
13
16
16
17
General purpose I/O.
P1.1
I/O
14
17
17
18
General purpose I/O.
P3.2/INT0
I
15
18
18
19
General purpose Input / INT0.
P1.2
I/O
16
19
19
20
General purpose I/O.
P1.3
I/O
17
20
20
21
General purpose I/O.
P1.4
I/O
18
21
21
22
General purpose I/O.
P1.5
I/O
19
22
22
23
General purpose I/O.
P1.6
I/O
20
23
23
24
General purpose I/O.
P1.7
I/O
21
24
24
25
General purpose I/O.
P2.1/AD1
I/O
22
25
25
26
General purpose I/O / ADC Input.
P2.0/AD0
I/O
23
26
26
27
General purpose I/O / ADC Input.
HSDA/P3.1/Txd
I/O
24
27
27
28
Slave IIC data / General purpose I/O / Txd.
HSCL/P3.0/Rxd
I/O
25
28
28
29
Slave IIC clock / General purpose I/O / Rxd.
P2.4/DA10
I/O
26
29
29
30
General purpose I/O / PWM DAC output (open drain).
P2.5/DA11
I/O
27
-
30
31
General purpose I/O / PWM DAC output (open drain).
P2.6/DA12
I/O
28
-
31
32
General purpose I/O / PWM DAC output (open drain).
P2.7/DA13
I/O
29
-
-
33
General purpose I/O / PWM DAC output (open drain).
DA6/P5.6
I/O
30
30
32
34
PWM DAC output / General purpose I/O (open drain).
DA7/HCLAMP
O
31
31
33
35
PWM DAC output / Hsync clamp pulse output (open drain).
VBLANK/P4.0
O
32
32
34
36
Vertical blank / General purpose Output.
HBLANK/P4.1
O
33
33
35
37
Horizontal blank / General purpose Output.
DA9/HALFV
O
34
34
36
38
PWM DAC output / Vsync half freq. output (open drain).
DA8/HALFH
O
35
35
37
39
PWM DAC output / Hsync half freq. output (open drain).
DA5/P5.5
I/O
36
36
38
40
PWM DAC output / General purpose I/O (open drain).
DA4/P5.4
O
37
37
39
41
PWM DAC output / General purpose I/O (open drain).
DA3/P5.3
O
38
38
40
42
PWM DAC output / General purpose I/O (open drain).
HSYNC
I
39
39
41
43
Horizontal SYNC or Composite SYNC Input.
VSYNC
I
40
40
42
44
Vertical SYNC input.


Similar Part No. - MTV212A32U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV212A32U ETC1-MTV212A32U Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Similar Description - MTV212A32U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com