Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPC8172TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8172TB Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPC8172TB Datasheet HTML 14Page - Renesas Technology Corp UPC8172TB Datasheet HTML 15Page - Renesas Technology Corp UPC8172TB Datasheet HTML 16Page - Renesas Technology Corp UPC8172TB Datasheet HTML 17Page - Renesas Technology Corp UPC8172TB Datasheet HTML 18Page - Renesas Technology Corp UPC8172TB Datasheet HTML 19Page - Renesas Technology Corp UPC8172TB Datasheet HTML 20Page - Renesas Technology Corp UPC8172TB Datasheet HTML 21Page - Renesas Technology Corp UPC8172TB Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Data Sheet P14729EJ2V0DS00
16
µµµµPC8172TB
5
0
–5
–10
–15
–20
–25
RF OUTPUT LEVEL vs. IF INPUT LEVEL
–30
–25
–20
–15
–10
–5
0
5
10
–30
–25
–20
–15
–10
–5
0
5
10
15
10
5
0
–5
–10
–15
CONVERSION GAIN vs. LOCAL INPUT LEVEL
–30
–25
–20
–15
–10
–5
0
5
10
5
0
–5
–10
–15
–20
–25
RF OUTPUT LEVEL vs. IF INPUT LEVEL
15
10
5
0
–5
–10
–15
CONVERSION GAIN vs. LOCAL INPUT LEVEL
–30
–25
–20
–15
–10
–5
0
5
10
Local Input Level PLOin (dBm)
Local Input Level PLOin (dBm)
IF Input Level PIFin (dBm)
IF Input Level PIFin (dBm)
TA = +85
°C
TA = +85
°C
TA = +25
°C
TA = +25
°C
TA = –40
°C
TA = –40
°C
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
fRFout = 900 MHz
fLOin = 1 140 MHz
PIFin = –30 dBm
VCC = VPS = 3.0 V
fRFout = 900 MHz
fLOin = 1 140 MHz
PIFin = –30 dBm
VCC = VPS
fRFout = 900 MHz
fLOin = 1 140 MHz
PLOin = –5 dBm
VCC = VPS = 3.0 V
fRFout = 900 MHz
fLOin = 1 140 MHz
PLOin = –5 dBm
VCC = VPS


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8172TB NEC-UPC8172TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com