Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXP730 Datasheet(PDF) 56 Page - Intel Corporation

Part # LXP730
Description  Multi-Rate DSL Framer
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXP730 Datasheet(HTML) 56 Page - Intel Corporation

Back Button LXP730 Datasheet HTML 52Page - Intel Corporation LXP730 Datasheet HTML 53Page - Intel Corporation LXP730 Datasheet HTML 54Page - Intel Corporation LXP730 Datasheet HTML 55Page - Intel Corporation LXP730 Datasheet HTML 56Page - Intel Corporation LXP730 Datasheet HTML 57Page - Intel Corporation LXP730 Datasheet HTML 58Page - Intel Corporation LXP730 Datasheet HTML 59Page - Intel Corporation LXP730 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
LXP730 — Multi-Rate DSL Framer
56
Datasheet
5.6
Slip Buffer Lower Threshold Register
Address: 18
Abbreviation: SLP_THDL
Read/Write
Table 47. FIFO/Miscellaneous Control Register
Bit
Name
Default
Description
<7:6>
SAPCLKDIV
00b
Async serial port clock select, 0 = MCLK/2, 1 = MCLK/4, 2 = MCLK/
8,
3 = MCLK/16.
5
TX8KSSEL
0
Transmit 8 KHz reference sync select control. 0 = TX reference
sync selected from PCM interface, 1 = TX reference sync selected
from codec interface.
4
REMOTE_LB
0
Remote Loopback select. Controls the scrambling polynomial for
remote loopback. 0 = normal operation, 1 = remote loopback.
3PDOE_SEL0
PCM data output enable select. Default value of 0 causes pin to be
FRMSYNC12 for codec operation. Set to 1 to create the output
enable signal PDOE for PCM usage. PDOE goes high for
programmed PCM time slots in the Nx registers.
2DXFIFORXT
0
DX FIFO reset control. The DX elastic store FIFO is reset on a 0 to a
1 transition. The 0 or 1 state must be active for a minimum of 3
BITCLK periods.
1
MXFIFORXT
0
MX FIFO reset control. The MX elastic store FIFO is reset on a 0 to
a 1 transition. The 0 or 1 state must be active for a minimum of 3
BITCLK periods.
0
FIX2BSTUF
0
Fixed 2-bit stuffing mode enable; 0 = disable, 1 = enable.
Table 48. Slip Buffer Lower Threshold
Bit
Name
Default
Description
<7>
SLP_L_EN
0
0 = Use default, 1 = Enable and use Bits <6:0> for the Lower
Threshold. Must be set when Stopped (Run/Stop = 0).
<6:0>
SLP_LWR
0
MPC Mode: Lower Threshold of PCM Receive Slip Buffer (Default
31-N). HWC Mode: Not Used.


Similar Part No. - LXP730

ManufacturerPart #DatasheetDescription
logo
Level One
LXP710 LVL1-LXP710 Datasheet
174Kb / 2P
   HDSL Framer/Mapper for 1168 kbps Applications
More results

Similar Description - LXP730

ManufacturerPart #DatasheetDescription
logo
Level One
SK70720 LVL1-SK70720 Datasheet
1Mb / 42P
   Multi-Rate DSL Data Pump Chipt Set
logo
Broadcom Corporation.
BCM6421IPB BOARDCOM-BCM6421IPB Datasheet
162Kb / 2P
   LOW-POWER HIGH BIT RATE CENTRAL OFFICE MULTI-DSL CHIPSET
logo
Applied Micro Circuits ...
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
   Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
logo
M/A-COM Technology Solu...
M21012 MA-COM-M21012 Datasheet
1Mb / 73P
   Quad Multi-Rate CDR
logo
Zarlink Semiconductor I...
PX6410 ZARLINK-PX6410 Datasheet
550Kb / 3P
   Multi-Rate VCSEL Driver
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
Zarlink Semiconductor I...
PX5410 ZARLINK-PX5410 Datasheet
520Kb / 3P
   Multi-Rate VCSEL Driver
logo
MRV Communications, Inc...
SFP-DGD-SX MRV-SFP-DGD-SX Datasheet
55Kb / 2P
   Multi-rate SFP Interfaces
logo
Integrated Circuit Syst...
M844 ICST-M844 Datasheet
141Kb / 1P
   MULTI-RATE CLOCK RECOVERY
logo
Exar Corporation
XRT95L53 EXAR-XRT95L53 Datasheet
77Kb / 4P
   OC-48 ETHERNET/SONET MULTI-SERVICE FRAMER PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com