Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXP730 Datasheet(PDF) 33 Page - Intel Corporation

Part # LXP730
Description  Multi-Rate DSL Framer
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXP730 Datasheet(HTML) 33 Page - Intel Corporation

Back Button LXP730 Datasheet HTML 29Page - Intel Corporation LXP730 Datasheet HTML 30Page - Intel Corporation LXP730 Datasheet HTML 31Page - Intel Corporation LXP730 Datasheet HTML 32Page - Intel Corporation LXP730 Datasheet HTML 33Page - Intel Corporation LXP730 Datasheet HTML 34Page - Intel Corporation LXP730 Datasheet HTML 35Page - Intel Corporation LXP730 Datasheet HTML 36Page - Intel Corporation LXP730 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Multi-Rate DSL Framer — LXP730
Datasheet
33
4.0
Test Specifications
Note:
Table 8 through Table 23 and Figure 11 through Figure 24 represent the performance specifications
of the LXP730 and are guaranteed by test except, where noted, by design. The minimum and
maximum values listed in Table 10 through Table 23 are guaranteed over the recommended
operating conditions specified in Table 9.
Table 8.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Supply voltage
VCC
-0.3
6
V
Storage temperature
TST
-65
+150
ºC
Caution: Exceeding these values may cause permanent damage.
Functional operation under these conditions is not implied.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 9.
Recommended Operating Conditions
Parameter
Sym
Min
Typ1
Max
Unit
Recommended supply voltage
VCC
4.5
5.0
5.5
V
Recommended operating temperature
TOP
-40
25
+85
°C
Power dissipation
PD
-
0.3
0.6
W
1. Typical figures are at 25° C and are for design aid only; not guaranteed and not subject to production testing.
Table 10. I/O Electrical Characteristics
Parameter
Sym
Min
Typ
1
Max
Unit
Test Conditions
Input Low voltage
VIL
––
0.3xVCC
V
CMOS inputs
Input High voltage
VIH
0.7xVCC
––
V
CMOS inputs
Output Low voltage
VOL
––
0.4
V
IOL = 4 mA
Output High voltage
VOH
0.7xVCC
––
VIOH = -4 mA
Input Low current
IIL
-10
––
µAVIN = Gnd, VCC = 5.5V
Input High current
IIH
––
10
µAVIN = VCC, VCC = 5.5V
Output rise/fall time
tR, tF
5
ns
CLOAD = 30 pF
Capacitance, any input pin
CIN
12
pF
1. Typical values are at 25° C and are for design aid only; not guaranteed and not subject to production testing.


Similar Part No. - LXP730

ManufacturerPart #DatasheetDescription
logo
Level One
LXP710 LVL1-LXP710 Datasheet
174Kb / 2P
   HDSL Framer/Mapper for 1168 kbps Applications
More results

Similar Description - LXP730

ManufacturerPart #DatasheetDescription
logo
Level One
SK70720 LVL1-SK70720 Datasheet
1Mb / 42P
   Multi-Rate DSL Data Pump Chipt Set
logo
Broadcom Corporation.
BCM6421IPB BOARDCOM-BCM6421IPB Datasheet
162Kb / 2P
   LOW-POWER HIGH BIT RATE CENTRAL OFFICE MULTI-DSL CHIPSET
logo
Applied Micro Circuits ...
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
   Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
logo
M/A-COM Technology Solu...
M21012 MA-COM-M21012 Datasheet
1Mb / 73P
   Quad Multi-Rate CDR
logo
Zarlink Semiconductor I...
PX6410 ZARLINK-PX6410 Datasheet
550Kb / 3P
   Multi-Rate VCSEL Driver
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
Zarlink Semiconductor I...
PX5410 ZARLINK-PX5410 Datasheet
520Kb / 3P
   Multi-Rate VCSEL Driver
logo
MRV Communications, Inc...
SFP-DGD-SX MRV-SFP-DGD-SX Datasheet
55Kb / 2P
   Multi-rate SFP Interfaces
logo
Integrated Circuit Syst...
M844 ICST-M844 Datasheet
141Kb / 1P
   MULTI-RATE CLOCK RECOVERY
logo
Exar Corporation
XRT95L53 EXAR-XRT95L53 Datasheet
77Kb / 4P
   OC-48 ETHERNET/SONET MULTI-SERVICE FRAMER PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com