Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQ1216MLH-3 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FQ1216MLH-3
Description  Multi-Standard Desktop Video Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FQ1216MLH-3 Datasheet(HTML) 5 Page - NXP Semiconductors

  FQ1216MLH-3 Datasheet HTML 1Page - NXP Semiconductors FQ1216MLH-3 Datasheet HTML 2Page - NXP Semiconductors FQ1216MLH-3 Datasheet HTML 3Page - NXP Semiconductors FQ1216MLH-3 Datasheet HTML 4Page - NXP Semiconductors FQ1216MLH-3 Datasheet HTML 5Page - NXP Semiconductors FQ1216MLH-3 Datasheet HTML 6Page - NXP Semiconductors FQ1216MLH-3 Datasheet HTML 7Page - NXP Semiconductors FQ1216MLH-3 Datasheet HTML 8Page - NXP Semiconductors FQ1216MLH-3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Philips RF Solutions
Product specification
3139 149 10330
5
Rev g : 16.02.2004
Multi-Standard Desktop Video Module
FQ1216ME MK3
LIMITING VALUES
Limiting values under operational conditions
The tuners are guaranteed to function properly under the following conditions.
SYMBOL
PARAMETER
PIN
MIN.
TYP.
MAX.
UNIT
VAGC
AGC Voltage Monitor (not to be
connected)
(See Note 1)
1
10 M
VT
Tuning Voltage Monitor (not to be
connected)
2
-
-
-
-
VS
Supply Voltage Vb
Ripple susceptibility (see Note 2)
20Hz
-
1kHz
1kHz
-
200kHz
Supply current
3
4.75
5
80
5.25
2
10
150
V
mVpp
mVpp
mA
VSCL
SCL bus input voltage
4
-0.3
5.25
V
VSDA
SDA Bus input voltage
SDA Bus current (open collector)
5
-0.3
-1.0
5.25
5
V
mA
AS voltage (see Note 3)
6
5.25
V
2
nd IF sound output
- Load impedanceD.C.
A.C.
11
1.0
1.0
k
k
Composite Video Baseband Signal
- Load impedanceD.C. (see 10.3)
(modulus)
A.C.
- Load time constant
12
75
75
100
ns
Supply voltage, IF section
Ripple susceptibility (see Note 2)
20Hz
-
1kHz
1kHz
-
500kHz
Current
13
4.75
100
5.25
2
10
160
V
mVpp
mVpp
mA
AF output
- Load impedance
D.C.
A.C.
14
100.0
10.0
k
k
Note 1 : Minimum impedance required is 10M
Ω, otherwise AGC voltage is loaded down. For process only.
Note 2 : Maximum allowable Ripple voltage superimposed on the +5V supply in the frequency range from 20
Hz to 500 kHz. Criteria : for TV :
∆f<2.12 kHz or AM < 0.28%
Note 3 : For detailed information about address coding, refer to Application Information.


Similar Part No. - FQ1216MLH-3

ManufacturerPart #DatasheetDescription
logo
NEC
FQ1210-RM5 NEC-FQ1210-RM5 Datasheet
6Mb / 71P
   Ferrite Cores
More results

Similar Description - FQ1216MLH-3

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SL5067 GEC-SL5067 Datasheet
445Kb / 13P
   MULTI - STANDARD VIDEO MODULATOR
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
   Multi-Standard High-Definition Video Decoder
logo
NXP Semiconductors
FI1216MF PHILIPS-FI1216MF Datasheet
148Kb / 24P
   Desktop video tuner multi system CCIR L/L??and B/G
1996 Jul 09
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
   VIDEO FRONT-END MODULES
logo
NXP Semiconductors
FI1216MK2 PHILIPS-FI1216MK2 Datasheet
139Kb / 20P
   Desktop video tuner system CCIR B/G
1997 Mar 13
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
   TW9903-Multi-standard Video Decoder With High Quality Down Scaler
logo
AAEON Technology
STAND-8150B0 AAEON-STAND-8150B0 Datasheet
294Kb / 1P
   Desktop Stand With VESA 100mm Standard
STAND-8150S0 AAEON-STAND-8150S0 Datasheet
294Kb / 1P
   Desktop Stand With VESA 100mm Standard
logo
NXP Semiconductors
FM1246 PHILIPS-FM1246 Datasheet
177Kb / 24P
   Desktop video & FM radio module system CCIR I
1997 May 14
logo
List of Unclassifed Man...
YMS162-01 ETC1-YMS162-01 Datasheet
283Kb / 1P
   STANDARD CHARACTER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com