Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTBKG Datasheet(PDF) 1 Page - Linear Technology

Part # LTBKG
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTBKG Datasheet(HTML) 1 Page - Linear Technology

  LTBKG Datasheet HTML 1Page - Linear Technology LTBKG Datasheet HTML 2Page - Linear Technology LTBKG Datasheet HTML 3Page - Linear Technology LTBKG Datasheet HTML 4Page - Linear Technology LTBKG Datasheet HTML 5Page - Linear Technology LTBKG Datasheet HTML 6Page - Linear Technology LTBKG Datasheet HTML 7Page - Linear Technology LTBKG Datasheet HTML 8Page - Linear Technology LTBKG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
sn3020 3020fas
TEMPERATURE (°C)
–50
1.1
1.0
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
0.1
0
3020 TA02
25
0
–25
50
75
125
100
IL = 100mA
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
100mA, Low Voltage,
Very Low Dropout
Linear Regulator
VIN Range: 0.9V to 10V
Minimum Input Voltage: 0.9V
Dropout Voltage: 150mV Typical
Output Current: 100mA
Adjustable Output (VREF = VOUT(MIN) = 200mV)
Fixed Output Voltages: 1.2V, 1.5V, 1.8V
Stable with Low ESR, Ceramic Output Capacitors
(2.2µF Minimum)
0.2% Load Regulation from 0mA to 100mA
Quiescent Current: 120µA (Typ)
3µA Typical Quiescent Current in Shutdown
Current Limit Protection
Reverse-Battery Protection
No Reverse Current
Thermal Limiting with Hysteresis
8-Lead DFN (3mm × 3mm) and MSOP Packages
1.8V to 1.5V, 100mA VLDO Regulator
Low Current Regulators
Battery-Powered Systems
Cellular Phones
Pagers
Wireless Modems
The LT
®3020 is a very low dropout voltage (VLDOTM) linear
regulator that operates from input supplies down to 0.9V.
This device supplies 100mA of output current with a
typical dropout voltage of 150mV. The LT3020 is ideal for
low input voltage to low output voltage applications,
providing comparable electrical efficiency to that of a
switching regulator.
The LT3020 regulator optimizes stability and transient
response with low ESR, ceramic output capacitors as
small as 2.2µF. Other LT3020 features include 0% line
regulation and 0.2% typical load regulation. In shutdown,
quiescent current typically drops to 3µA.
Internal protection circuitry includes reverse-battery pro-
tection, current limiting, thermal limiting with hysteresis,
and reverse-current protection. The LT3020 is available as
an adjustable output device with an output range down to
the 200mV reference. Three fixed output voltages, 1.2V,
1.5V and 1.8V, are also available.
The LT3020 regulator is available in the low profile
(0.75mm) 8-lead (3mm × 3mm) DFN package with ex-
posed pad and the 8-lead MSOP package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
IN
SHDN
2.2µF
3020 TA01
OUT
VIN
1.8V
GND
LT3020-1.5
VOUT
1.5V
100mA
2.2µF
VLDO is a trademark of Linear Technology Corporation.
Minimum Input Voltage


Similar Part No. - LTBKG

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB10-C350 PAIRUI-LTB10-C350 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB10-C500 PAIRUI-LTB10-C500 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB10-C700 PAIRUI-LTB10-C700 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB12-C240 PAIRUI-LTB12-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
More results

Similar Description - LTBKG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com