Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TB6592FL Datasheet(PDF) 5 Page - Sipex Corporation

Part No. TB6592FL
Description  Dual-Bridge Driver IC for DC motor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPEX [Sipex Corporation]
Homepage  http://www.sipex.com
Logo 

TB6592FL Datasheet(HTML) 5 Page - Sipex Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TB6592FL
2003-03-12
5
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Remarks
VM
6
Supply voltage
VCC
6
V
Input voltage
VIN
-0.2 to 6
V
IN1, 2, STBY and PWM pins
Output current
IOUT
0.8
A
Power dissipation
PD
0.78
(Note 1)
W
Operating temperature
Topr
-20 to 85
°C
Storage temperature
Tstg
-55 to 150
°C
Note 1: This value is obtained by 50
´ 30 ´ 1.6 mm glass-epoxy PCB mounting occupied 40% of copper area.
Operating Range (Ta
==== ----20 to 85°C)
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage (VCC)
VCC
2.7
3.0
5.5
V
Supply voltage (VM)
VM
2.2
¾
5.5
V
Output current
Iout
¾
¾
0.6
A
PWM frequency
fPWM
¾
¾
100
kHz


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn