Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TB6592FL Datasheet(PDF) 1 Page - Sipex Corporation

Part No. TB6592FL
Description  Dual-Bridge Driver IC for DC motor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPEX [Sipex Corporation]
Homepage  http://www.sipex.com
Logo 

TB6592FL Datasheet(HTML) 1 Page - Sipex Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TB6592FL
2003-03-12
1
Toshiba Bi-CD Integrated Circuit
Silicon Monolithic
TB6592FL
Dual-Bridge Driver IC for DC motor
TB6592FL is a dual-bridge driver IC for DC motor with output
transistor in LD MOS structure with low ON-resistor. Two input
signals, IN1 and IN2, can chose one of four modes such as CW,
CCW, short brake, and stop mode. Efficient driven at high
temperature is possible by PWM drive system.
Features
· Power supply voltage for motor: VM ≤ 6 V (max)
· Power supply voltage for control: VCC = 2.7 V to 6.0 V
· Output current: IOUT = 0.8 A (max)
· Low ON resistor: 1.5 Ω (typ.)
(Upper side + Lower side combined @ VM = 5 V, VCC = 5 V)
· Direct PWM control
· Standby system (Power save)
· CW/CCW/short brake/stop function modes.
· Built-in thermal shutdown circuit
· Small-size leadless package: QON24-P-0505-0.50
* This product has a MOS structure and is sensitive to electrostatic discharge. When handling this product,
ensure that the environment is protected against electrostatic discharge by using an earth strap, a conductive
mat and an ionizer. Ensure also that the ambient temperature and relative humidity are maintained at
reasonable levels.
Weight: 0.05 g (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn