Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2711TB Datasheet(PDF) 1 Page - California Eastern Labs

Part # UPC2711TB
Description  5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2711TB Datasheet(HTML) 1 Page - California Eastern Labs

  UPC2711TB Datasheet HTML 1Page - California Eastern Labs UPC2711TB Datasheet HTML 2Page - California Eastern Labs UPC2711TB Datasheet HTML 3Page - California Eastern Labs UPC2711TB Datasheet HTML 4Page - California Eastern Labs UPC2711TB Datasheet HTML 5Page - California Eastern Labs UPC2711TB Datasheet HTML 6Page - California Eastern Labs UPC2711TB Datasheet HTML 7Page - California Eastern Labs UPC2711TB Datasheet HTML 8Page - California Eastern Labs UPC2711TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PART NUMBER
UPC2711TB
UPC2712TB
PACKAGE OUTLINE
S06
S06
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ICC
Circuit Current (no signal)
mA
9
12
15
9
12
15
GP
Power Gain, f = 1 GHz
dB
11
13
16.5
18
20
23.5
fU
Upper Limit Operating Frequency
(The gain at fU is 3 dB down from the gain at 100 MHz)
GHz
2.7
2.9
2.2
2.6
∆GP
Gain Flatness, f = 0.1 GHz to 2.5 GHz
dB
±0.8
±0.8
PO(SAT)
Maximum Output Level, f = 1 GHz, PIN = 0 dBm
dBm
-2
+1
0
+3
NF
Noise Figure, f = 1 GHz
dB
5
6.5
4.5
6
RLIN
Input Return Loss, f = 1 GHz
dB
20
25
9
12
RLOUT
Output Return Loss, f = 1 GHz
dB
9
12
10
13
ISOL
Isolation, f = 1 GHz
dB
25
30
28
33
NEC's UPC2711TB and UPC2712TB are Silicon MMIC
Wideband Amplifiers manufactured using NEC's 20 GHz f
T
NESATTM III silicon bipolar process. These devices are de-
signed for use as buffer amps in DBS tuners. The UPC2711/
12TB are pin compatible and have comparable performance
as the larger UPC2711/12T, so they are suitable for use as a
replacement to help reduce system size.
These IC's are
housed in a 6 pin super minimold or SOT-363 package.
NEC's stringent quality assurance and test procedure ensure
the highest reliability and performance.
DESCRIPTION
ELECTRICAL CHARACTERISTICS (TA = +25
°C, VCC = 5.0 V, ZL = ZS = 50 W)
UPC2711TB, UPC2712TB
5 V, SUPER MINIMOLD
SILICON MMIC WIDEBAND AMPLIFIER
FEATURES
• HIGH DENSITY SURFACE MOUNTING:
6 pin super minimold or SOT- 363 package
• SUPPLY VOLTAGE: VCC = 4.5 to 5.5 V
• WIDEBAND RESPONSE:
UPC2711TB: fu = 2.9 GHz TYP
UPC2712TB: fu = 2.6 GHz TYP
• POWER GAIN:
UPC2711TB: GP = 13 dB TYP
UPC2712TB: GP = 20 dB TYP
GAIN vs. FREQUENCY
Frequency, f (GHz)
TYPICAL PERFORMANCE CURVES
25
20
15
10
5
0.5
1.0
1.5
2.0
2.5
3.0
UPC2712TB
UPC2711TB
BIPOLAR ANALOG INTEGRATED CIRCUITS
Date Published: June 22, 2005
The information in this document is subject to change without notice. Before using this document, please confirm
that this is the latest version.


Similar Part No. - UPC2711TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
416Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2711TB NEC-UPC2711TB Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
UPC2711TB RENESAS-UPC2711TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
logo
NEC
UPC2711TB-E3 NEC-UPC2711TB-E3 Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC2711TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com