Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5129ZI-50-GT3 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT5129ZI-50-GT3
Description  32-Tap Digitally Programmable Potentiometer (DPP TM)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5129ZI-50-GT3 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT5129ZI-50-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5129ZI-50-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5129ZI-50-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5129ZI-50-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5129ZI-50-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5129ZI-50-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT5129ZI-50-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT5129ZI-50-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT5129ZI-50-GT3 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT5127, CAT5129
© 2006 Catalyst Semiconductor, Inc.
11
Doc. No. 2127 Rev. A
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is Matte-Tin.
(3) The device used in the above example is a CAT5127ZI-10-GT3 (MSOP, Industrial Temperature range, 10kΩ, NiPdAu, Tape & Reel).
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
ORDERING INFORMATION
Notes:
(5) Contact factory for availability.
(6) y = Production year (digit), m = Production month (digit).
Device
Ordering Part Number
Resistor [kΩ]
Top Marking
Pin/Package
Part Per Reel
CAT5127
CAT5127ZI-10-T3
10
ABPU
MSOP-8
3000
CAT5127ZI-50-T3
(5)
50
ABPV
MSOP-8
3000
CAT5127ZI-00-T3
(5)
100
ABPY
MSOP-8
3000
CAT5127ZI-10-GT3
10
ABNA
MSOP-8
3000
CAT5127ZI-50-GT3
(5)
50
ABNB
MSOP-8
3000
CAT5127ZI-00-GT3
(5)
100
ABNK
MSOP-8
3000
CAT5127ZD7I-10-GT3
10
HB
TDFN-8
3000
CAT5127ZD7I-50-GT3
(5)
50
HC
TDFN-8
3000
CAT5127ZD7I-00-GT3
(5)
100
HD
TDFN-8
3000
CAT5129
CAT5129TDI-10-T3
10
PDym
(6)
TSOT23-6
3000
CAT5129TDI-50-T3
(5)
50
PEym
(6)
TSOT23-6
3000
CAT5129TDI-00-T3
(5)
100
PFym
(6)
TSOT23-6
3000
CAT5129TDI-10-GT3
10
PAym
(6)
TSOT23-6
3000
CAT5129TDI-50-GT3
(5)
50
PBym
(6)
TSOT23-6
3000
CAT5129TDI-00-GT3
(5)
100
PCym
(6)
TSOT23-6
3000
Prefix
Device #
Suffix
CAT
5127
Z
I
-10
G
T3
Company ID
Product Number
5127
5129
Temperature Range
I = Industrial (-40ºC to 85ºC)
Resistance
-10: 10k ohms
-50: 50k ohms
-00: 100k ohms
Lead Finish
Blank: Matte-Tin
G: NiPdAu
Package
Z: MSOP
TD: TSOT23
ZD7: TDFN
Tape & Reel
T: Tape & Reel
3: 3000/Reel


Similar Part No. - CAT5129ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5129ZI-50-GT3 CATALYST-CAT5129ZI-50-GT3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results

Similar Description - CAT5129ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com