Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34055 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC34055
Description  IEEE 802.3 10BASE-T TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34055 Datasheet(HTML) 3 Page - Motorola, Inc

  MC34055 Datasheet HTML 1Page - Motorola, Inc MC34055 Datasheet HTML 2Page - Motorola, Inc MC34055 Datasheet HTML 3Page - Motorola, Inc MC34055 Datasheet HTML 4Page - Motorola, Inc MC34055 Datasheet HTML 5Page - Motorola, Inc MC34055 Datasheet HTML 6Page - Motorola, Inc MC34055 Datasheet HTML 7Page - Motorola, Inc MC34055 Datasheet HTML 8Page - Motorola, Inc MC34055 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC34055
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (0
°C ≤ TA ≤ 70°C, VCC = 5.0 V, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
TX EN H
Input High Voltage (IIH = 200 µA)
VIH
2.0
5.0
Vdc
Input Low Voltage (IIL = – 20 µA)
VIL
0
0.8
RX DATA A/RX EN H/JABB H/CTL H
Output Voltage (See Load Circuits: CMOS Load Circuit)
Vdc
High (IOH = –12 mA)
VOH
3.7
Low (IOL = +16 mA)
VOL
0.5
RX DATA B
Output Voltage (See Load Circuits: ECL Load Circuit)
Vdc
High:
@ 0
°C
VOH
0.984 VCC – 0.923
0.984 VCC – 0.763
@ 25
°C
0.984 VCC – 0.877
0.984 VCC – 0.727
@ 70
°C
0.984 VCC – 0.825
0.984 VCC – 0.644
Low:
@ 0
°C
VOL
0.750 VCC – 0.568
0.750 VCC – 0.361
@ 25
°C
0.750 VCC – 0.550
0.750 VCC – 0.350
@ 70
°C
0.750 VCC – 0.531
0.750 VCC – 0.324
SIGNAL QUALITY ERROR TEST ENABLE CONTROL (SQE EN L)
Test Control Voltage
Vdc
Test Disabled (Input High Voltage)(IIH = + 20 µA Max.)
VIH
2.0
5.0
Test Enabled (Input Low Voltage)(– 50
µA < IIL < –150 µA)
VIL
0
0.8
FULL DUPLEX MODE SELECT (FULLD L)
Mode Select Control Voltage
Vdc
Normal Operation (Input High)(IIH = + 20 µA)
VIH
2.0
5.0
Full Duplex (Input Low)(– 50
µA < IIH < –150 µA)
VIL
0
0.8
LOOPBACK TEST MODE FUNCTION (LOOP L)
Test Control Voltage
Vdc
Test Disabled (Input High)(IIH = + 20 µA)
VIH
2.0
5.0
Test Enabled (Input Low)(IIL = – 200 µA)
VIL
0
0.8
LINK FAIL STATUS (LINKFL H)
Status Output Voltage (See Load Circuits: CMOS Load Circuit)
Maximum Voltage for Output Low Condition (IOL = 20 mA)
VOH
0.5
Vdc
Output Low Sink Current
VOL
20
mA
CLOCK OSCILLATOR
Clk+ Input Logic Threshold
High Level Input Voltage (IIH = +100 µA Max.)
VIH
2.0
5.0
Vdc
Logic Low Input Voltage (IIL = –100 µA Max.)
VIL
0.8
µA
Clk Out Output Voltage (See Load Circuits: CMOS Load Circuit)
Vdc
Logic High (IOH = –12 mA)
VOH
3.7
3.9
Logic Low (Iout = +16 µA)
VOL
0.25
0.5
Output Load Circuits
TTL/CMOS Load Circuit
6.0k
20 pF
ECL Load Circuit
330
15 pF
Differential Load Circuit
100
TX–
TX+
39 (1%)
39 (1%)
VOD


Similar Part No. - MC34055

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Motorola, Inc
MC34050 MOTOROLA-MC34050 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34051 MOTOROLA-MC34051 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34058 MOTOROLA-MC34058 Datasheet
240Kb / 12P
   HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS
MC34058FTA MOTOROLA-MC34058FTA Datasheet
240Kb / 12P
   HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS
More results

Similar Description - MC34055

ManufacturerPart #DatasheetDescription
logo
Level One
POR-1200 LVL1-POR-1200 Datasheet
454Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
POR-1202 LVL1-POR-1202 Datasheet
521Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
POR-0200 LVL1-POR-0200 Datasheet
623Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
POR-0202 LVL1-POR-0202 Datasheet
708Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
logo
Advanced Micro Devices
AM7996 AMD-AM7996 Datasheet
179Kb / 18P
   IEEE 802.3/Ethernet/Cheapernet Transceiver
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
   10BASE-T Transceiver
logo
Keysight Technologies
N1081A KEYSIGHT-N1081A Datasheet
3Mb / 13P
   IEEE 802.3 Ethernet Compliance
logo
PCA ELECTRONICS INC.
EPE6087AS PCA-EPE6087AS Datasheet
24Kb / 1P
   10Base-T Transceiver Module
logo
TDK Electronics
78Q2132 TDK-78Q2132 Datasheet
172Kb / 36P
   1/10BASE-T HomePNA/Ethernet Transceiver
logo
Bothhand USA, LP.
TS8019-HF BOTHHAND-TS8019-HF Datasheet
248Kb / 2P
   IEEE 802.3/ANSI X3.263 compliant performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com