Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF365A-LCDATXX Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. MF365A-LCDATXX
Description  8/16-bit Data Bus Static RAM Card
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF365A-LCDATXX Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MF365A-LCDATXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
2/11
PIN ASSIGNMENT
Two-Piece Type (68-pin)
Pin
Pin
No.
No.
1
GND
Ground
35
GND
Ground
2
D3
36
CD1
#
Card detect 1
3
D4
37
D11
4
D5
Data I/O
38
D12
5
D6
39
D13
Data I/O
6
D7
40
D14
7
CE1#
Card enable 1
41
D15
8
A10
Address input
42
CE2#
Card enable 2
9
OE#
Output enable
43
NC
10
A11
44
NC
No connection
11
A9
45
NC
12
A8
Address input
46
A17
A17(NC for
128KB types)
13
A13
47
A18
A18(NC for
256KB types)
14
A14
48
A19
A19(NC for
512KB types)
15
WE#
Write enable
49
A20
A20(NC for
1MB types)
16
NC
No connection
50
A21
A21(NC for
2MB types)
17
VCC
Power supply voltage
51
VCC
Power supply voltage
18
NC
No connection
52
NC
No connection
19
A16
A16(NC for 64KB type)
53
NC
No connection
20
A15
54
NC
21
A12
55
NC
22
A7
56
NC
23
A6
57
NC
No connection
24
A5
Address input
58
NC
25
A4
59
NC
26
A3
60
NC
27
A2
61
REG
#
REG function
28
A1
62
BVD2
Battery voltage detect 2
29
A0
63
BVD1
Battery voltage detect 1
30
D0
64
D8
31
D1
Data I/O
65
D9
Data I/O
32
D2
66
D10
33
WP
Write protect
67
CD2
#
Card detect 2
34
GND
Ground
68
GND
Ground
WRITE PROTECT MODE (WP)
When the write protect switch is switched on, this
card goes into a write protect mode that can read
but not write data.
In this mode, the WP pin becomes “H” level.
At the shipment the write protect switch is switched
off (Normal mode : The card can be written ; WP pin
indicates “L” level).
Symbol
Symbol
Function
Function
Address input


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF365A-J8CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-J9CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LYCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LZCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-L6DAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-LCDAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
IS61NW643264K x 32 SYNCHRONOUS STATIC RAM WITH NO-WAIT STATE BUS FEATURE 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
MF82M1-GMCAVXX8/16-bit Data Bus Flash Memory Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn