Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF365A-LCDATXX Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # MF365A-LCDATXX
Description  8/16-bit Data Bus Static RAM Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF365A-LCDATXX Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button MF365A-LCDATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
11/11
CARD INSERTION/REMOVAL TIMING DIAGRAM
VCC MIN means Minimum Operating Voltage=4.75V.
Note 10: When the card is holding valuable data, the battery must not be removed unless VCC is
present.
BATTERY SPECIFICATIONS
A replaceable battery (type BR2325) with a capacity of 165mAH is used:
Estimated battery life when the card is left continuously.
MF365A-LC/LSDATXX
5.9years
MF3129-LC/LSDATXX
3.6years
MF3257-LC/LSDATXX
5.9years
MF3513-LC/LSDATXX
3.6years
MF31M1-LC/LSDATXX
2.0years
MF32M1-LC/LSDATXX
1.1years
MF34M1-LC/LSDATXX
2.0years
Conditions
Temperature : 25°C
Humidity :
60%RH
trec(VCC)
tpf
90%
VIH
10%
VCC
CE1#,
CE2#
tsu(VCC)
tpr
90%
VIH
10%
VCC
CE1,
CE2
VCC MIN
VCC MIN


Similar Part No. - MF365A-LCDATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF365A-LCDATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com